전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB10200CT 데이터시트(PDF) 1 Page - Gulf Semiconductor

부품명 SB10200CT
상세설명  SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GULFSEMI [Gulf Semiconductor]
홈페이지  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

SB10200CT 데이터시트(HTML) 1 Page - Gulf Semiconductor

  SB10200CT Datasheet HTML 1Page - Gulf Semiconductor SB10200CT Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev.A1
www.gulfsemi.com
SB10200CT
SCHOTTKY BARRIER
RECTIFIER
VOLTAGE: 200V
CURRENT: 10.0A
FEATURE
TO-220AB
High current capability, Low forward voltage drop
Low power loss, high efficiency
High surge capability
High temperature soldering guaranteed
250°C /10sec/0.375" lead length at 5 lbs tension
MECHANICAL DATA
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
Case: Molded with UL-94 Class V-0 recognized Flame
Retardant Epoxy
Polarity: Common Cathode
Mounting position: any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25°C, unless otherwise stated)
SYMBOL
SB10200CT
units
Maximum Recurrent Peak Reverse Voltage
Vrrm
200
V
Maximum RMS Voltage
Vrms
140
V
Maximum DC blocking Voltage
Vdc
200
V
Maximum Average Forward Rectified Current
If(av)
10
A
Peak Forward Surge Current 8.3ms single
half sine-wave superimposed on rated load per leg
Ifsm
150
A
Maximum Forward Voltage per leg and 25
°C at 5A
Vf
0.99
V
Maximum Reverse Current per leg
Tj =25°C
at working peak reverse voltage
Tj =110°C
Ir
50
1.0
μA
mA
Typical Thermal Resistance per leg
(Note 1)
Rth(jc)
1.5
°C/W
Operating Junction and
Storage Temperature Ramge
Tj
Tstg
-65 to +175
°C
Note:
1.Thermal Resistance from Junction to Case


유사한 부품 번호 - SB10200CT

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
SB10200CT WTE-SB10200CT Datasheet
51Kb / 4P
   10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SB10200CT FORMOSA-SB10200CT Datasheet
107Kb / 6P
   Schottky Barrier Rectifier
logo
SUNMATE electronic Co.,...
SB10200CT SUNMATE-SB10200CT Datasheet
565Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SB10200CT

제조업체부품명데이터시트상세설명
logo
Gulf Semiconductor
SB10200FCT GULFSEMI-SB10200FCT Datasheet
118Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 200V CURRENT: 10.0A
SB1060CT GULFSEMI-SB1060CT Datasheet
91Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB1060FCT GULFSEMI-SB1060FCT Datasheet
94Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 10.0A
SB1045CT GULFSEMI-SB1045CT Datasheet
106Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 10.0A
SB1040CT GULFSEMI-SB1040CT Datasheet
107Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 40V CURRENT: 10.0A
SB10150FCT GULFSEMI-SB10150FCT Datasheet
123Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
SB10150CT GULFSEMI-SB10150CT Datasheet
109Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 150V CURRENT: 10.0A
SB10100CT GULFSEMI-SB10100CT Datasheet
155Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
SB10100FCT GULFSEMI-SB10100FCT Datasheet
205Kb / 2P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A
logo
PACELEADER INDUSTRIAL
MBR10200CT PACELEADER-MBR10200CT Datasheet
362Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 200V
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com