전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74VMEH22501 데이터시트(PDF) 8 Page - Texas Instruments

부품명 SN74VMEH22501
상세설명  8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74VMEH22501 데이터시트(HTML) 8 Page - Texas Instruments

Back Button SN74VMEH22501_10 Datasheet HTML 4Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 5Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 6Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 7Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 8Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 9Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 10Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 11Page - Texas Instruments SN74VMEH22501_10 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
SN74VMEH22501
SCES357F – JULY 2001 – REVISED FEBRUARY 2010
www.ti.com
Electrical Characteristics
over recommended operating free-air temperature range for A and B ports (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VIK
VCC = 3.15 V,
II = –18 mA
–1.2
V
3A port, any B ports,
VCC = 3.15 V to 3.45 V,
IOH = –100 mA
VCC – 0.2
and Y outputs
IOH = –6 mA
2.4
3A port and Y outputs
VCC = 3.15 V
VOH
V
IOH = –12 mA
2
IOH = –24 mA
2.4
Any B port
VCC = 3.15 V
IOH = –48 mA
2
3A port, any B ports,
VCC = 3.15 V to 3.45 V,
IOL = 100 mA
0.2
and Y outputs
IOL = 6 mA
0.55
3A port and Y outputs
VCC = 3.15 V
IOL = 12 mA
0.8
VOL
V
IOL = 24 mA
0.4
Any B port
VCC = 3.15 V
IOL = 48 mA
0.55
IOL = 64 mA
0.6
VCC = 3.45 V,
VI = VCC or GND
±1
Control inputs,
II
mA
1A and 2A
VCC = 0 or 3.45 V,
VI = 5.5 V
5
3A port, any B port,
IOZH
(2)
VCC = 3.45 V,
VO = VCC or 5.5 V
5
mA
and Y outputs
3A port and Y outputs
–5
IOZL
(2)
VCC = 3.45 V,
VO = GND
mA
Any B port
–20
Ioff
VCC = 0, BIAS VCC = 0,
VI or VO = 0 to 5.5 V
±10
mA
IBHL
(3)
3A port
VCC = 3.15 V,
VI = 0.8 V
75
mA
IBHH
(4)
3A port
VCC = 3.15 V,
VI = 2 V
–75
mA
IBHLO
(5)
3A port
VCC = 3.45 V,
VI = 0 to VCC
500
mA
IBHHO
(6)
3A port
VCC = 3.45 V,
VI = 0 to VCC
–500
mA
VCC ≤ 1.5 V, VO = 0.5 V to VCC,
IOZ(PU/PD)
(7)
±10
mA
VI = GND or VCC, OE = don't care
Outputs high
30
VCC = 3.45 V, IO = 0,
ICC
Outputs low
30
mA
VI = VCC or GND
Outputs disabled
30
VCC = 3.45 V, IO = 0,
Outputs enabled
76
mA/
VI = VCC or GND,
clock
ICCD
One data input switching at
MHz/
Outputs disabled
19
one-half clock frequency,
input
50% duty cycle
VCC = 3.15 V to 3.45 V, One input at VCC – 0.6 V,
ΔICC
(8)
750
mA
Other inputs at VCC or GND
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
For I/O ports, the parameters IOZH and IOZL include the input leakage current.
(3)
The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to
GND, then raising it to VIL max.
(4)
The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to
VCC, then lowering it to VIH min.
(5)
An external driver must source at least IBHLO to switch this node from low to high.
(6)
An external driver must sink at least IBHHO to switch this node from high to low.
(7)
High-impedance state during power up or power down
(8)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
8
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): SN74VMEH22501


유사한 부품 번호 - SN74VMEH22501_10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A-EP TI-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   Enhanced Diminishing Manufacturing Sources (DMS) Support, Enhanced Product-Change Notification
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
More results

유사한 설명 - SN74VMEH22501_10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP Datasheet
545Kb / 27P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501A TI-SN74VMEH22501A Datasheet
568Kb / 30P
[Old version datasheet]   8-BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1-BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND 3-STATE OUTPUTS
SN74VMEH22501 TI-SN74VMEH22501 Datasheet
442Kb / 25P
[Old version datasheet]   8 BIT UNIVERSAL BUS TRANSCEIVER AND TWO 1 BIT BUS TRANSCEIVERS WITH SPLIT LVTTL PORT FEEDBACK PATH AND 3 STATE OUTPUTS
SN74VMEH22501A-EP TI1-SN74VMEH22501A-EP_15 Datasheet
929Kb / 38P
[Old version datasheet]   8-Bit Universal Bus Transceiver and Two 1-Bit Bus Transceivers
SN74GTLP1395 TI-SN74GTLP1395 Datasheet
443Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP21395 TI-SN74GTLP21395 Datasheet
438Kb / 21P
[Old version datasheet]   TWO 1-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVERS WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
logo
Fairchild Semiconductor
GTLP10B320 FAIRCHILD-GTLP10B320 Datasheet
261Kb / 12P
   10-Bit LVTTL/GTLP Transceiver with Split LVTTL Port and Feedback Path
GTLP1B151 FAIRCHILD-GTLP1B151 Datasheet
112Kb / 7P
   1-Bit LVTTL/GTLP Transceiver with Separate LVTTL Port and Feedback Path
logo
Texas Instruments
SN74GTLP1394 TI-SN74GTLP1394_07 Datasheet
741Kb / 25P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
SN74GTLP1394 TI1-SN74GTLP1394_15 Datasheet
890Kb / 23P
[Old version datasheet]   2-BIT LVTTL-TO-GTLP ADJUSTABLE-EDGE-RATE BUS TRANSCEIVER WITH SPLIT LVTTL PORT, FEEDBACK PATH, AND SELECTABLE POLARITY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com