전자부품 데이터시트 검색엔진 |
|
SN74HC74PWT 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
SN74HC74PWT 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 20 page SN54HC74, SN74HC74 DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET SCLS094D – DECEMBER 1982 – REVISED JULY 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) SN54HC74 SN74HC74 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 2 5 6 2 5 6 V VCC = 2 V 1.5 1.5 VIH High-level input voltage VCC = 4.5 V 3.15 3.15 V VCC = 6 V 4.2 4.2 VCC = 2 V 0.5 0.5 VIL Low-level input voltage VCC = 4.5 V 1.35 1.35 V VCC = 6 V 1.8 1.8 VI Input voltage 0 VCC 0 VCC V VO Output voltage 0 VCC 0 VCC V VCC = 2 V 1000 1000 ∆t/∆v Input transition rise/fall time VCC = 4.5 V 500 500 ns VCC = 6 V 400 400 TA Operating free-air temperature –55 125 –40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25°C SN54HC74 SN74HC74 UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX MIN MAX UNIT 2 V 1.9 1.998 1.9 1.9 IOH = –20 µA 4.5 V 4.4 4.499 4.4 4.4 VOH VI = VIH or VIL 6 V 5.9 5.999 5.9 5.9 V IOH = –4 mA 4.5 V 3.98 4.3 3.7 3.84 IOH = –5.2 mA 6 V 5.48 5.8 5.2 5.34 2 V 0.002 0.1 0.1 0.1 IOL = 20 µA 4.5 V 0.001 0.1 0.1 0.1 VOL VI = VIH or VIL 6 V 0.001 0.1 0.1 0.1 V IOL = 4 mA 4.5 V 0.17 0.26 0.4 0.33 IOL = 5.2 mA 6 V 0.15 0.26 0.4 0.33 II VI = VCC or 0 6 V ±0.1 ±100 ±1000 ±1000 nA ICC VI = VCC or 0, IO = 0 6 V 4 80 40 µA Ci 2 V to 6 V 3 10 10 10 pF |
유사한 부품 번호 - SN74HC74PWT |
|
유사한 설명 - SN74HC74PWT |