전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL084ACNSR 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 TL084ACNSR
상세설명  JFET-INPUT OPERATIONAL AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL084ACNSR 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TL084ACNSR Datasheet HTML 6Page - Texas Instruments TL084ACNSR Datasheet HTML 7Page - Texas Instruments TL084ACNSR Datasheet HTML 8Page - Texas Instruments TL084ACNSR Datasheet HTML 9Page - Texas Instruments TL084ACNSR Datasheet HTML 10Page - Texas Instruments TL084ACNSR Datasheet HTML 11Page - Texas Instruments TL084ACNSR Datasheet HTML 12Page - Texas Instruments TL084ACNSR Datasheet HTML 13Page - Texas Instruments TL084ACNSR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TL081, TL081A, TL081B, TL082, TL082A, TL082B
TL084, TL084A, TL084B
JFET INPUT OPERATIONAL AMPLIFIERS
SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 7
0
±2.5
±5
±7.5
±10
±12.5
±15
10 k
40 k 100 k
400 k
1 M
4 M
10 M
VCC ± = ±15 V
RL = 2 kΩ
See Figure 2
TA = − 55°C
TA = 25°C
TA = 125°C
f − Frequency − Hz
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREQUENCY
Figure 8
±12.5
±10
±7.5
±5
±2.5
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
− 75
− 50
− 25
0
25
50
75
100
125
±15
0
RL = 10 kW
RL = 2 kW
VCC ± = ±15 V
See Figure 2
TA − Free-Air Temperature − °C
Figure 9
0.1
0
RL − Load Resistance − kΩ
10
±15
±2.5
±5
±7.5
±10
±12.5
VCC ± = ±15 V
TA = 25°C
See Figure 2
0.2
0.4
0.7
1
2
4
7
MAXIMUM PEAK OUTPUT VOLTAGE
vs
LOAD RESISTANCE
Figure 10
0
0
|VCC ±| − Supply Voltage − V
16
±15
2
4
6
8
10
12
14
±2.5
±5
±7.5
±10
±12.5
RL = 10 kΩ
TA = 25°C
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.


유사한 부품 번호 - TL084ACNSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL084ACNSR TI-TL084ACNSR Datasheet
862Kb / 37P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL084ACNSR TI-TL084ACNSR Datasheet
836Kb / 33P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL084ACNSR TI-TL084ACNSR Datasheet
1,000Kb / 37P
[Old version datasheet]   JEET-INPUT OPERTIONAL AMPLIFERS
TL084ACNSR TI-TL084ACNSR Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL084ACNSR TI1-TL084ACNSR Datasheet
1Mb / 45P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
More results

유사한 설명 - TL084ACNSR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN_13 Datasheet
1Mb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
[Old version datasheet]   JFET Input Operational Amplifiers
TL081 TI1-TL081 Datasheet
2Mb / 50P
[Old version datasheet]   JFET-Input Operational Amplifiers
TL091 TI-TL091 Datasheet
610Kb / 8P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
[Old version datasheet]   JFET Input Operational Amplifiers
LF256H TI-LF256H Datasheet
2Mb / 32P
[Old version datasheet]   JFET Input Operational Amplifiers
logo
Motorola, Inc
TL081C MOTOROLA-TL081C Datasheet
169Kb / 8P
   JFET INPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL081_101 TI-TL081_101 Datasheet
998Kb / 38P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
MC35001 MOTOROLA-MC35001 Datasheet
389Kb / 7P
   JFET Input Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com