전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IGZ25-A2T 데이터시트(PDF) 35 Page - Texas Instruments

부품명 LM3S8730-IGZ25-A2T
상세설명  Stellaris짰 LM3S8730 Microcontroller
Download  551 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8730-IGZ25-A2T 데이터시트(HTML) 35 Page - Texas Instruments

Back Button LM3S8730-IGZ25-A2T Datasheet HTML 31Page - Texas Instruments LM3S8730-IGZ25-A2T Datasheet HTML 32Page - Texas Instruments LM3S8730-IGZ25-A2T Datasheet HTML 33Page - Texas Instruments LM3S8730-IGZ25-A2T Datasheet HTML 34Page - Texas Instruments LM3S8730-IGZ25-A2T Datasheet HTML 35Page - Texas Instruments LM3S8730-IGZ25-A2T Datasheet HTML 36Page - Texas Instruments LM3S8730-IGZ25-A2T Datasheet HTML 37Page - Texas Instruments LM3S8730-IGZ25-A2T Datasheet HTML 38Page - Texas Instruments LM3S8730-IGZ25-A2T Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 551 page
background image
1.4.2.1
PWM
Pulse width modulation (PWM) is a powerful technique for digitally encoding analog signal levels.
High-resolution counters are used to generate a square wave, and the duty cycle of the square
wave is modulated to encode an analog signal. Typical applications include switching power supplies
and motor control.
On the LM3S8730, PWM motion control functionality can be achieved through:
■ The motion control features of the general-purpose timers using the CCP pins
CCP Pins (see page 217)
The General-Purpose Timer Module's CCP (Capture Compare PWM) pins are software programmable
to support a simple PWM mode with a software-programmable output inversion of the PWM signal.
1.4.3
Serial Communications Peripherals
The LM3S8730 controller supports both asynchronous and synchronous serial communications
with:
■ Two fully programmable 16C550-type UARTs
■ One SSI module
■ One I2C module
■ One CAN unit
■ Ethernet controller
1.4.3.1
UART (see page 271)
A Universal Asynchronous Receiver/Transmitter (UART) is an integrated circuit used for RS-232C
serial communications, containing a transmitter (parallel-to-serial converter) and a receiver
(serial-to-parallel converter), each clocked separately.
The LM3S8730 controller includes two fully programmable 16C550-type UARTs that support data
transfer speeds up to 3.125 Mbps. (Although similar in functionality to a 16C550 UART, it is not
register-compatible.) In addition, each UART is capable of supporting IrDA.
Separate 16x8 transmit (TX) and receive (RX) FIFOs reduce CPU interrupt service loading. The
UART can generate individually masked interrupts from the RX, TX, modem status, and error
conditions. The module provides a single combined interrupt when any of the interrupts are asserted
and are unmasked.
1.4.3.2
SSI (see page 312)
Synchronous Serial Interface (SSI) is a four-wire bi-directional full and low-speed communications
interface.
The LM3S8730 controller includes one SSI module that provides the functionality for synchronous
serial communications with peripheral devices, and can be configured to use the Freescale SPI,
MICROWIRE, or TI synchronous serial interface frame formats. The size of the data frame is also
configurable, and can be set between 4 and 16 bits, inclusive.
The SSI module performs serial-to-parallel conversion on data received from a peripheral device,
and parallel-to-serial conversion on data transmitted to a peripheral device. The TX and RX paths
are buffered with internal FIFOs, allowing up to eight 16-bit values to be stored independently.
35
June 22, 2010
Texas Instruments-Production Data
Stellaris® LM3S8730 Microcontroller


유사한 부품 번호 - LM3S8730-IGZ25-A2T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LM3S8730-IQC20-A0 ETC2-LM3S8730-IQC20-A0 Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A0T ETC2-LM3S8730-IQC20-A0T Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A1 ETC2-LM3S8730-IQC20-A1 Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A1T ETC2-LM3S8730-IQC20-A1T Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A2 ETC2-LM3S8730-IQC20-A2 Datasheet
4Mb / 502P
   Microcontroller
More results

유사한 설명 - LM3S8730-IGZ25-A2T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
LM3S1C58 TI1-LM3S1C58 Datasheet
5Mb / 846P
[Old version datasheet]   Stellaris짰 LM3S1C58 Microcontroller
LM3S6422 TI1-LM3S6422 Datasheet
3Mb / 609P
[Old version datasheet]   Stellaris짰 LM3S6422 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com