전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-EBZ50-A2T 데이터시트(PDF) 44 Page - Texas Instruments

부품명 LM3S8730-EBZ50-A2T
상세설명  Stellaris짰 LM3S8730 Microcontroller
Download  551 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8730-EBZ50-A2T 데이터시트(HTML) 44 Page - Texas Instruments

Back Button LM3S8730-EBZ50-A2T Datasheet HTML 40Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 41Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 42Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 43Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 44Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 45Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 46Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 47Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 551 page
background image
If the core is in debug state (halted), the counter will not decrement. The timer is clocked with respect
to a reference clock. The reference clock can be the core clock or an external clock source.
SysTick Control and Status Register
Use the SysTick Control and Status Register to enable the SysTick features. The reset is
0x0000.0000.
Description
Reset
Type
Name
Bit/Field
Software should not rely on the value of a reserved bit. To provide compatibility
with future products, the value of a reserved bit should be preserved across
a read-modify-write operation.
0
RO
reserved
31:17
Count Flag
Returns 1 if timer counted to 0 since last time this was read. Clears on read
by application. If read by the debugger using the DAP, this bit is cleared on
read-only if the MasterType bit in the AHB-AP Control Register is set to 0.
Otherwise, the COUNTFLAG bit is not changed by the debugger read.
0
R/W
COUNTFLAG
16
Software should not rely on the value of a reserved bit. To provide compatibility
with future products, the value of a reserved bit should be preserved across
a read-modify-write operation.
0
RO
reserved
15:3
Clock Source
Description
Value
External reference clock. (Not implemented for Stellaris
microcontrollers.)
0
Core clock
1
If no reference clock is provided, it is held at 1 and so gives the same time as
the core clock. The core clock must be at least 2.5 times faster than the
reference clock. If it is not, the count values are unpredictable.
0
R/W
CLKSOURCE
2
Tick Interrupt
Description
Value
Counting down to 0 does not generate the interrupt request to the
NVIC. Software can use the COUNTFLAG to determine if ever counted
to 0.
0
Counting down to 0 pends the SysTick handler.
1
0
R/W
TICKINT
1
Enable
Description
Value
Counter disabled.
0
Counter operates in a multi-shot way. That is, counter loads with the
Reload value and then begins counting down. On reaching 0, it sets
the COUNTFLAG to 1 and optionally pends the SysTick handler, based
on TICKINT. It then loads the Reload value again, and begins counting.
1
0
R/W
ENABLE
0
SysTick Reload Value Register
Use the SysTick Reload Value Register to specify the start value to load into the current value
register when the counter reaches 0. It can be any value between 1 and 0x00FF.FFFF. A start value
of 0 is possible, but has no effect because the SysTick interrupt and COUNTFLAG are activated
when counting from 1 to 0.
June 22, 2010
44
Texas Instruments-Production Data
ARM Cortex-M3 Processor Core


유사한 부품 번호 - LM3S8730-EBZ50-A2T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LM3S8730-IQC20-A0 ETC2-LM3S8730-IQC20-A0 Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A0T ETC2-LM3S8730-IQC20-A0T Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A1 ETC2-LM3S8730-IQC20-A1 Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A1T ETC2-LM3S8730-IQC20-A1T Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A2 ETC2-LM3S8730-IQC20-A2 Datasheet
4Mb / 502P
   Microcontroller
More results

유사한 설명 - LM3S8730-EBZ50-A2T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
LM3S1C58 TI1-LM3S1C58 Datasheet
5Mb / 846P
[Old version datasheet]   Stellaris짰 LM3S1C58 Microcontroller
LM3S6422 TI1-LM3S6422 Datasheet
3Mb / 609P
[Old version datasheet]   Stellaris짰 LM3S6422 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com