전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-EBZ50-A2T 데이터시트(PDF) 95 Page - Texas Instruments

부품명 LM3S8730-EBZ50-A2T
상세설명  Stellaris짰 LM3S8730 Microcontroller
Download  551 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8730-EBZ50-A2T 데이터시트(HTML) 95 Page - Texas Instruments

Back Button LM3S8730-EBZ50-A2T Datasheet HTML 91Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 92Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 93Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 94Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 95Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 96Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 97Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 98Page - Texas Instruments LM3S8730-EBZ50-A2T Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 551 page
background image
Register 14: Device Capabilities 1 (DC1), offset 0x010
This register provides a list of features available in the system. The Stellaris family uses this register
format to indicate the availability of the following family features in the specific device: CANs, PWM,
ADC, Watchdog timer, Hibernation module, and debug capabilities. This register also indicates the
maximum clock frequency and maximum ADC sample rate. The format of this register is consistent
with the RCGC0, SCGC0, and DCGC0 clock control registers and the SRCR0 software reset control
register.
Device Capabilities 1 (DC1)
Base 0x400F.E000
Offset 0x010
Type RO, reset 0x0100.30DF
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
reserved
CAN0
reserved
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
Type
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
Reset
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
JTAG
SWD
SWO
WDT
PLL
reserved
HIB
MPU
reserved
MINSYSDIV
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
RO
Type
1
1
1
1
1
0
1
1
0
0
0
0
1
1
0
0
Reset
Description
Reset
Type
Name
Bit/Field
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
31:25
CAN Module 0 Present
When set, indicates that CAN unit 0 is present.
1
RO
CAN0
24
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
23:16
System Clock Divider
Minimum 4-bit divider value for system clock. The reset value is
hardware-dependent. See the RCC register for how to change the
system clock divisor using the SYSDIV bit.
Description
Value
Specifies a 50-MHz CPU clock with a PLL divider of 4.
0x3
0x3
RO
MINSYSDIV
15:12
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0
RO
reserved
11:8
MPU Present
When set, indicates that the Cortex-M3 Memory Protection Unit (MPU)
module is present. See the ARM Cortex-M3 Technical Reference Manual
for details on the MPU.
1
RO
MPU
7
Hibernation Module Present
When set, indicates that the Hibernation module is present.
1
RO
HIB
6
95
June 22, 2010
Texas Instruments-Production Data
Stellaris® LM3S8730 Microcontroller


유사한 부품 번호 - LM3S8730-EBZ50-A2T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LM3S8730-IQC20-A0 ETC2-LM3S8730-IQC20-A0 Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A0T ETC2-LM3S8730-IQC20-A0T Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A1 ETC2-LM3S8730-IQC20-A1 Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A1T ETC2-LM3S8730-IQC20-A1T Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A2 ETC2-LM3S8730-IQC20-A2 Datasheet
4Mb / 502P
   Microcontroller
More results

유사한 설명 - LM3S8730-EBZ50-A2T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
LM3S1C58 TI1-LM3S1C58 Datasheet
5Mb / 846P
[Old version datasheet]   Stellaris짰 LM3S1C58 Microcontroller
LM3S6422 TI1-LM3S6422 Datasheet
3Mb / 609P
[Old version datasheet]   Stellaris짰 LM3S6422 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com