전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQC50-A2T 데이터시트(PDF) 64 Page - Texas Instruments

부품명 LM3S8730-IQC50-A2T
상세설명  Stellaris짰 LM3S8730 Microcontroller
Download  551 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8730-IQC50-A2T 데이터시트(HTML) 64 Page - Texas Instruments

Back Button LM3S8730-IQC50-A2T Datasheet HTML 60Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 61Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 62Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 63Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 64Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 65Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 66Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 67Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 551 page
background image
The internal Power-On Reset (POR) circuit monitors the power supply voltage (VDD) and generates
a reset signal to all of the internal logic including JTAG when the power supply ramp reaches a
threshold value (VTH). The microcontroller must be operating within the specified operating parameters
when the on-chip power-on reset pulse is complete. The 3.3-V power supply to the microcontroller
must reach 3.0 V within 10 msec of VDD crossing 2.0 V to guarantee proper operation. For applications
that require the use of an external reset signal to hold the microcontroller in reset longer than the
internal POR, the RST input may be used as discussed in “External RST Pin” on page 64.
The Power-On Reset sequence is as follows:
1.
The microcontroller waits for internal POR to go inactive.
2.
The internal reset is released and the core loads from memory the initial stack pointer, the initial
program counter, and the first instruction designated by the program counter, and then begins
execution.
The internal POR is only active on the initial power-up of the microcontroller. The Power-On Reset
timing is shown in Figure 20-6 on page 516.
6.1.2.4
External RST Pin
Note:
It is recommended that the trace for the RST signal must be kept as short as possible. Be
sure to place any components connected to the RST signal as close to the microcontroller
as possible.
If the application only uses the internal POR circuit, the RST input must be connected to the power
supply (VDD) through an optional pull-up resistor (0 to 100K Ω) as shown in Figure 6-1 on page 64.
Figure 6-1. Basic RST Configuration
PU
RST
Stellaris®
R
VDD
RPU = 0 to 100 kΩ
The external reset pin (RST) resets the microcontroller including the core and all the on-chip
peripherals except the JTAG TAP controller (see “JTAG Interface” on page 51). The external reset
sequence is as follows:
1.
The external reset pin (RST) is asserted for the duration specified by TMIN and then de-asserted
(see “Reset” on page 515).
2.
The internal reset is released and the core loads from memory the initial stack pointer, the initial
program counter, and the first instruction designated by the program counter, and then begins
execution.
To improve noise immunity and/or to delay reset at power up, the RST input may be connected to
an RC network as shown in Figure 6-2 on page 65.
June 22, 2010
64
Texas Instruments-Production Data
System Control


유사한 부품 번호 - LM3S8730-IQC50-A2T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LM3S8730-IQC50-A2T ETC2-LM3S8730-IQC50-A2T Datasheet
4Mb / 502P
   Microcontroller
More results

유사한 설명 - LM3S8730-IQC50-A2T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
LM3S1C58 TI1-LM3S1C58 Datasheet
5Mb / 846P
[Old version datasheet]   Stellaris짰 LM3S1C58 Microcontroller
LM3S6422 TI1-LM3S6422 Datasheet
3Mb / 609P
[Old version datasheet]   Stellaris짰 LM3S6422 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com