전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IQC50-A2T 데이터시트(PDF) 91 Page - Texas Instruments

부품명 LM3S8730-IQC50-A2T
상세설명  Stellaris짰 LM3S8730 Microcontroller
Download  551 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8730-IQC50-A2T 데이터시트(HTML) 91 Page - Texas Instruments

Back Button LM3S8730-IQC50-A2T Datasheet HTML 87Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 88Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 89Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 90Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 91Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 92Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 93Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 94Page - Texas Instruments LM3S8730-IQC50-A2T Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 551 page
background image
Register 11: Deep Sleep Clock Configuration (DSLPCLKCFG), offset 0x144
This register provides configuration information for the hardware control of Deep Sleep Mode.
Deep Sleep Clock Configuration (DSLPCLKCFG)
Base 0x400F.E000
Offset 0x144
Type R/W, reset 0x0780.0000
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
reserved
DSDIVORIDE
reserved
RO
RO
RO
RO
RO
RO
RO
R/W
R/W
R/W
R/W
R/W
R/W
RO
RO
RO
Type
0
0
0
0
0
0
0
1
1
1
1
0
0
0
0
0
Reset
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
reserved
DSOSCSRC
reserved
RO
RO
RO
RO
R/W
R/W
R/W
RO
RO
RO
RO
RO
RO
RO
RO
RO
Type
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Reset
Description
Reset
Type
Name
Bit/Field
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0x0
RO
reserved
31:29
Divider Field Override
6-bit system divider field to override when Deep-Sleep occurs with PLL
running.
0x0F
R/W
DSDIVORIDE
28:23
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0x0
RO
reserved
22:7
Clock Source
Specifies the clock source during Deep-Sleep mode.
Description
Value
MOSC
Use main oscillator as source.
0x0
IOSC
Use internal 12-MHz oscillator as source.
0x1
Reserved
0x2
30 kHz
Use 30-kHz internal oscillator as source.
0x3
Reserved
0x4
Reserved
0x5
Reserved
0x6
32 kHz
Use 32.768-kHz external oscillator as source.
0x7
0x0
R/W
DSOSCSRC
6:4
Software should not rely on the value of a reserved bit. To provide
compatibility with future products, the value of a reserved bit should be
preserved across a read-modify-write operation.
0x0
RO
reserved
3:0
91
June 22, 2010
Texas Instruments-Production Data
Stellaris® LM3S8730 Microcontroller


유사한 부품 번호 - LM3S8730-IQC50-A2T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LM3S8730-IQC50-A2T ETC2-LM3S8730-IQC50-A2T Datasheet
4Mb / 502P
   Microcontroller
More results

유사한 설명 - LM3S8730-IQC50-A2T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
LM3S1C58 TI1-LM3S1C58 Datasheet
5Mb / 846P
[Old version datasheet]   Stellaris짰 LM3S1C58 Microcontroller
LM3S6422 TI1-LM3S6422 Datasheet
3Mb / 609P
[Old version datasheet]   Stellaris짰 LM3S6422 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com