전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3S8730-IBZ20-A2 데이터시트(PDF) 28 Page - Texas Instruments

부품명 LM3S8730-IBZ20-A2
상세설명  Stellaris짰 LM3S8730 Microcontroller
Download  551 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3S8730-IBZ20-A2 데이터시트(HTML) 28 Page - Texas Instruments

Back Button LM3S8730-IBZ20-A2 Datasheet HTML 24Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 25Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 26Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 27Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 28Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 29Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 30Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 31Page - Texas Instruments LM3S8730-IBZ20-A2 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 551 page
background image
Level-sensitive on High or Low values
– Bit masking in both read and write operations through address lines
– Pins configured as digital inputs are Schmitt-triggered.
– Programmable control for GPIO pad configuration
Weak pull-up or pull-down resistors
2-mA, 4-mA, and 8-mA pad drive for digital communication; up to four pads can be
configured with an 18-mA pad drive for high-current applications
Slew rate control for the 8-mA drive
Open drain enables
Digital input enables
■ General-Purpose Timers
– Four General-Purpose Timer Modules (GPTM), each of which provides two 16-bit
timers/counters. Each GPTM can be configured to operate independently:
As a single 32-bit timer
As one 32-bit Real-Time Clock (RTC) to event capture
For Pulse Width Modulation (PWM)
– 32-bit Timer modes
Programmable one-shot timer
Programmable periodic timer
Real-Time Clock when using an external 32.768-KHz clock as the input
User-enabled stalling when the controller asserts CPU Halt flag during debug
– 16-bit Timer modes
General-purpose timer function with an 8-bit prescaler (for one-shot and periodic modes
only)
Programmable one-shot timer
Programmable periodic timer
User-enabled stalling when the controller asserts CPU Halt flag during debug
– 16-bit Input Capture modes
Input edge count capture
Input edge time capture
June 22, 2010
28
Texas Instruments-Production Data
Architectural Overview


유사한 부품 번호 - LM3S8730-IBZ20-A2

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LM3S8730-IQC20-A0 ETC2-LM3S8730-IQC20-A0 Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A0T ETC2-LM3S8730-IQC20-A0T Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A1 ETC2-LM3S8730-IQC20-A1 Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A1T ETC2-LM3S8730-IQC20-A1T Datasheet
4Mb / 502P
   Microcontroller
LM3S8730-IQC20-A2 ETC2-LM3S8730-IQC20-A2 Datasheet
4Mb / 502P
   Microcontroller
More results

유사한 설명 - LM3S8730-IBZ20-A2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3S1D21 TI1-LM3S1D21 Datasheet
5Mb / 956P
[Old version datasheet]   Stellaris짰 LM3S1D21 Microcontroller
LM3S1H16 TI1-LM3S1H16 Datasheet
4Mb / 805P
[Old version datasheet]   Stellaris짰 LM3S1H16 Microcontroller
LM3S1P51 TI1-LM3S1P51 Datasheet
5Mb / 1033P
[Old version datasheet]   Stellaris짰 LM3S1P51 Microcontroller
LM3S5956-IQR80-C1 TI1-LM3S5956-IQR80-C1 Datasheet
6Mb / 1144P
[Old version datasheet]   Stellaris짰 LM3S5956 Microcontroller
LM3S2918 TI1-LM3S2918 Datasheet
4Mb / 684P
[Old version datasheet]   Stellaris짰 LM3S2918 Microcontroller
LM3S2948 TI1-LM3S2948 Datasheet
4Mb / 686P
[Old version datasheet]   Stellaris짰 LM3S2948 Microcontroller
LM3S5632 TI1-LM3S5632 Datasheet
4Mb / 825P
[Old version datasheet]   Stellaris짰 LM3S5632 Microcontroller
LM3S5762 TI1-LM3S5762 Datasheet
4Mb / 841P
[Old version datasheet]   Stellaris짰 LM3S5762 Microcontroller
LM3S1C58 TI1-LM3S1C58 Datasheet
5Mb / 846P
[Old version datasheet]   Stellaris짰 LM3S1C58 Microcontroller
LM3S6422 TI1-LM3S6422 Datasheet
3Mb / 609P
[Old version datasheet]   Stellaris짰 LM3S6422 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com