전자부품 데이터시트 검색엔진 |
|
LM3S8730-EQR25-A2 데이터시트(PDF) 81 Page - Texas Instruments |
|
LM3S8730-EQR25-A2 데이터시트(HTML) 81 Page - Texas Instruments |
81 / 551 page Register 4: Raw Interrupt Status (RIS), offset 0x050 Central location for system control raw interrupts. These are set and cleared by hardware. Raw Interrupt Status (RIS) Base 0x400F.E000 Offset 0x050 Type RO, reset 0x0000.0000 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 reserved RO RO RO RO RO RO RO RO RO RO RO RO RO RO RO RO Type 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Reset 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 reserved BORRIS reserved PLLLRIS reserved RO RO RO RO RO RO RO RO RO RO RO RO RO RO RO RO Type 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Reset Description Reset Type Name Bit/Field Software should not rely on the value of a reserved bit. To provide compatibility with future products, the value of a reserved bit should be preserved across a read-modify-write operation. 0 RO reserved 31:7 PLL Lock Raw Interrupt Status This bit is set when the PLL TREADY Timer asserts. 0 RO PLLLRIS 6 Software should not rely on the value of a reserved bit. To provide compatibility with future products, the value of a reserved bit should be preserved across a read-modify-write operation. 0 RO reserved 5:2 Brown-Out Reset Raw Interrupt Status This bit is the raw interrupt status for any brown-out conditions. If set, a brown-out condition is currently active. This is an unregistered signal from the brown-out detection circuit. An interrupt is reported if the BORIM bit in the IMC register is set and the BORIOR bit in the PBORCTL register is cleared. 0 RO BORRIS 1 Software should not rely on the value of a reserved bit. To provide compatibility with future products, the value of a reserved bit should be preserved across a read-modify-write operation. 0 RO reserved 0 81 June 22, 2010 Texas Instruments-Production Data Stellaris® LM3S8730 Microcontroller |
유사한 부품 번호 - LM3S8730-EQR25-A2 |
|
유사한 설명 - LM3S8730-EQR25-A2 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |