전자부품 데이터시트 검색엔진 |
|
TL2575 데이터시트(PDF) 8 Page - Texas Instruments |
|
TL2575 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 29 page www.ti.com TL2575, TL2575HV 1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS SLVS638B – MAY 2006 – REVISED JANUARY 2007 TL2575HV Electrical Characteristics (continued) I LOAD = 200 mA, VIN = 12 V for 3.3-V, 5-V, and adjustable versions, VIN = 25 V for 12-V version, VIN = 30 V for 15-V version (unless otherwise noted) (see Figure 2) TL2575HV PARAMETER TEST CONDITIONS TJ UNIT MIN TYP MAX 25 °C 2.2 1.4 ON/OFF high-level logic VIH OFF (VOUT = 0 V) V input voltage Full range 2.4 25 °C 1.2 1 VIL ON/OFF low-level logic input voltage ON (VOUT = nominal voltage) V Full range 0.8 IIH ON/OFF high-level input current OFF (ON/OFF = 5 V) 12 30 µA 25 °C IIL ON/OFF low-level input current ON (ON/OFF = 0 V) 0 10 µA 8 Submit Documentation Feedback |
유사한 부품 번호 - TL2575_10 |
|
유사한 설명 - TL2575_10 |