전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3111D1PWPR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3111D1PWPR
상세설명  10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3111D1PWPR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TPA3111D1PWPR Datasheet HTML 5Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 6Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 7Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 8Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 9Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 10Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 11Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 12Page - Texas Instruments TPA3111D1PWPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
f − Frequency − Hz
100
50
0
−300
0
5
10
15
20
25
30
35
40
−50
−100
−150
10
100
10k
100k
1k
G009
Phase
Gain
−200
−250
CI = 1 µF
Gain = 20 dB
Filter = Audio Precision AUX-0025
VCC = 12 V
VI = 0.1 Vrms
ZL = 8 Ω + 66 µH
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
G012
VCC = 24 V
Gain = 20 dB
ZL = 8 Ω + 66 µH
VCC = 12 V
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
G013
Gain = 20 dB
VCC = 12 V
ZL = 4 Ω + 33 µH
PO(Tot) − Total Output Power − W
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
1
2
3
4
5
6
7
8
9
10
G014
VCC = 12 V
VCC = 24 V
Gain = 20 dB
ZL = 8 Ω + 66 µH
TPA3111D1
www.ti.com
SLOS618A – AUGUST 2009 – REVISED JULY 2010
TYPICAL CHARACTERISTICS (continued)
(All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3110D2 EVM which is
available at ti.com.)
GAIN/PHASE
EFFICIENCY
vs
vs
FREQUENCY
OUTPUT POWER
Figure 10.
Figure 11.
EFFICIENCY
SUPPLY CURRENT
vs
vs
OUTPUT POWER
TOTAL OUTPUT POWER
Figure 12.
Figure 13.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPA3111D1


유사한 부품 번호 - TPA3111D1PWPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3111D1PWPR TI-TPA3111D1PWPR Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1PWPR TI-TPA3111D1PWPR Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1PWPR TI1-TPA3111D1PWPR Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
More results

유사한 설명 - TPA3111D1PWPR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3111D1 TI1-TPA3111D1_17 Datasheet
1Mb / 31P
[Old version datasheet]   10-W Filter-Free Mono Class-D Audio Power Amplifier With Speaker Guard
TPA3111D1_101 TI-TPA3111D1_101 Datasheet
840Kb / 27P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3111D1 TI-TPA3111D1 Datasheet
922Kb / 26P
[Old version datasheet]   10-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1_10 Datasheet
843Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1EVM TI-TPA3112D1EVM Datasheet
964Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1_101 TI-TPA3112D1_101 Datasheet
845Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3112D1 TI-TPA3112D1 Datasheet
935Kb / 27P
[Old version datasheet]   25-W FILTER-FREE MONO CLASS-D AUDIO POWER AMPLIFIER with SPEAKER GUARD?
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com