전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL2575HV-33IKTTRG3 데이터시트(PDF) 11 Page - Texas Instruments

부품명 TL2575HV-33IKTTRG3
상세설명  1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL2575HV-33IKTTRG3 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TL2575HV-33IKTTRG3 Datasheet HTML 7Page - Texas Instruments TL2575HV-33IKTTRG3 Datasheet HTML 8Page - Texas Instruments TL2575HV-33IKTTRG3 Datasheet HTML 9Page - Texas Instruments TL2575HV-33IKTTRG3 Datasheet HTML 10Page - Texas Instruments TL2575HV-33IKTTRG3 Datasheet HTML 11Page - Texas Instruments TL2575HV-33IKTTRG3 Datasheet HTML 12Page - Texas Instruments TL2575HV-33IKTTRG3 Datasheet HTML 13Page - Texas Instruments TL2575HV-33IKTTRG3 Datasheet HTML 14Page - Texas Instruments TL2575HV-33IKTTRG3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
www.ti.com
0
2
4
6
8
10
12
14
16
18
20
0
10
20
30
40
50
60
VIN – Input Voltage – V
VOUT = 5 V
TJ = 25°C
Measured at GND pin
ILOAD = 1 A
ILOAD = 0.2 A
0
50
100
150
200
250
300
350
400
450
500
-50
-25
0
25
50
75
100
125
150
TJ – Junction Temperature – °C
VIN = 40 V
VIN = 12 V
V
= 5 V
ON/OFF
-10
-8
-6
-4
-2
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
150
TJ – Junction Temperature – °C
VIN = 40 V
VIN = 12 V
Normalized at TJ = 25°C
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
0
0.2
0.4
0.6
0.8
1
ISW – Switch Current – A
TJ = –40°C
TJ = 25°C
TJ = 125°C
TL2575, TL2575HV
1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
SLVS638B – MAY 2006 – REVISED JANUARY 2007
TYPICAL CHARACTERISTICS (continued)
Figure 7. Quiescent Current
Figure 8. Standby Quiescent Current
Figure 9. Oscillator Frequency
Figure 10. Switch Saturation Voltage
11
Submit Documentation Feedback


유사한 부품 번호 - TL2575HV-33IKTTRG3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL2575HV-33IKTTRG3 TI-TL2575HV-33IKTTRG3 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
More results

유사한 설명 - TL2575HV-33IKTTRG3

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL2575 TI1-TL2575_16 Datasheet
1Mb / 34P
[Old version datasheet]   1-A Simple Step-Down Switching Voltage Regulators
TL2575 TI-TL2575 Datasheet
2Mb / 23P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575HV-05-Q1 TI1-TL2575HV-05-Q1 Datasheet
800Kb / 22P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575_0701 TI-TL2575_0701 Datasheet
963Kb / 31P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_07 Datasheet
957Kb / 28P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_08 Datasheet
970Kb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575-05 TI1-TL2575-05 Datasheet
1Mb / 29P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATORS
TL2575 TI-TL2575_15 Datasheet
1Mb / 32P
[Old version datasheet]   TL2575, TL2575HV 1-A Simple Step-Down Switching Voltage Regulators
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com