전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM19CIZ 데이터시트(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM19CIZ
상세설명  2.4V, 10關A, TO-92 Temperature Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM19CIZ 데이터시트(HTML) 3 Page - National Semiconductor (TI)

  LM19CIZ Datasheet HTML 1Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 2Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 3Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 4Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 5Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 6Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 7Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 8Page - National Semiconductor (TI) LM19CIZ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Absolute Maximum Ratings (Note 1)
Supply Voltage
+6.5V to −0.2V
Output Voltage
(V+ + 0.6 V) to
−0.6 V
Output Current
10 mA
Input Current at any pin (Note 2)
5 mA
Storage Temperature
−65°C to
+150°C
Maximum Junction Temperature (T
JMAX)
+150°C
ESD Susceptibility (Note 3) :
Human Body Model
2500 V
Machine Model
250 V
Lead Temperature
TO-92 Package
Soldering (3 seconds dwell)
+240°C
Operating Ratings (Note 1)
Specified Temperature Range:
 T
MIN TA TMAX
2.4 V
V+2.7 V
−30°C
T
A +130°C
2.7 V
V+5.5 V
−55°C
T
A +130°C
Supply Voltage Range (V+)
+2.4 V to +5.5 V
Thermal Resistance,
θ
JA(Note 4)
TO-92
150°C/W
Electrical Characteristics
Unless otherwise noted, these specifications apply for V+ = +2.7 V
DC. Boldface limits apply for TA = TJ = TMIN to TMAX ; all other
limits T
A = TJ = 25°C; Unless otherwise noted.
Parameter
Conditions
Typical
(Note 5)
LM19C
Units
(Limit)
Limits
(Note 6)
Temperature to Voltage Error
V
O = (−3.88×10
−6×T2)
+ (−1.15×10−2×T) + 1.8639V
(Note 7)
T
A = +25°C to +30°C
±2.5
°C (max)
T
A = +130°C
±3.5
°C (max)
T
A = +125°C
±3.5
°C (max)
T
A = +100°C
±3.2
°C (max)
T
A = +85°C
±3.1
°C (max)
T
A = +80°C
±3.0
°C (max)
T
A = 0°C
±2.9
°C (max)
T
A = −30°C
±3.3
°C (min)
T
A = −40°C
±3.5
°C (max)
T
A = −55°C
±3.8
°C (max)
Output Voltage at 0°C
+1.8639
V
Variance from Curve
±1.0
°C
Non-Linearity (Note 8)
−20°C
T
A +80°C
±0.4
%
Sensor Gain (Temperature Sensitivity
or Average Slope) to equation:
V
O=−11.77 mV/°C×T+1.860V
−30°C
T
A +100°C
−11.77
−11.0
−12.6
mV/°C (min)
mV/°C (max)
Output Impedance
0 μA
I
L +16 μA
(Note 10, Note 11)
160
Ω (max)
Load Regulation(Note 9)
0 μA
I
L +16 μA
(Note 10, Note 11)
−2.5
mV (max)
Line Regulation
+2. 4 V
V+ +5.0V
+3.7
mV/V (max)
+5.0 V
V+ +5.5 V
+11
mV (max)
Quiescent Current
+2. 4 V
V+ +5.0V
4.5
7
μA (max)
+5.0V
V+ +5.5V
4.5
9
μA (max)
+2. 4 V
V+ +5.0V
4.5
10
μA (max)
Change of Quiescent Current
+2. 4 V
V+ +5.5V
+0.7
μA
Temperature Coefficient of
−11
nA/°C
Quiescent Current
Shutdown Current
V+
+0.8 V
0.02
μA
3
www.national.com


유사한 부품 번호 - LM19CIZ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM19CIZ NSC-LM19CIZ Datasheet
173Kb / 8P
   2.4V, 10uA, TO-92 Temperature Sensor
LM19CIZ NSC-LM19CIZ Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19CIZ/LFT4 TI1-LM19CIZ/LFT4 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM19CIZ/NOPB TI1-LM19CIZ/NOPB Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
More results

유사한 설명 - LM19CIZ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM19 NSC-LM19_07 Datasheet
241Kb / 10P
   2.4V, 10關A, TO-92 Temperature Sensor
logo
Texas Instruments
LM19 TI-LM19_15 Datasheet
268Kb / 14P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
LM19 TI1-LM19 Datasheet
283Kb / 13P
[Old version datasheet]   LM19 2.4V, 10關A, TO-92 Temperature Sensor
logo
National Semiconductor ...
LM19 NSC-LM19 Datasheet
173Kb / 8P
   2.4V, 10uA, TO-92 Temperature Sensor
LM20 NSC-LM20_05 Datasheet
652Kb / 10P
   2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LLSD103A-7 TI1-LLSD103A-7 Datasheet
1Mb / 18P
[Old version datasheet]   LM20 2.4V, 10關A, SC70, DSBGA Temperature Sensor
logo
National Semiconductor ...
LM20 NSC-LM20 Datasheet
218Kb / 9P
   LM20 2.4V, 10關A, SC70, micro SMD Temperature Sensor
logo
Texas Instruments
LMT89 TI-LMT89 Datasheet
920Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10 A, SC70, Temperature Sensor
LMT88 TI-LMT88 Datasheet
899Kb / 13P
[Old version datasheet]   LMT88 2.4V, 10 A, SC70, DSBGA Temperature Sensor
LMT89DCKT TI-LMT89DCKT Datasheet
898Kb / 13P
[Old version datasheet]   LMT89 2.4V, 10UA, SC70, Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com