전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL7733BCD 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 TL7733BCD
상세설명  SUPPLY-VOLTAGE SUPERVISORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL7733BCD 데이터시트(HTML) 9 Page - Texas Instruments

Back Button TL7733BCD Datasheet HTML 5Page - Texas Instruments TL7733BCD Datasheet HTML 6Page - Texas Instruments TL7733BCD Datasheet HTML 7Page - Texas Instruments TL7733BCD Datasheet HTML 8Page - Texas Instruments TL7733BCD Datasheet HTML 9Page - Texas Instruments TL7733BCD Datasheet HTML 10Page - Texas Instruments TL7733BCD Datasheet HTML 11Page - Texas Instruments TL7733BCD Datasheet HTML 12Page - Texas Instruments TL7733BCD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TL7702B, TL7705B, TL7733B
SUPPLY-VOLTAGE SUPERVISORS
SLVS037M – SEPTEMBER 1989 – REVISED MAY 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
VS
10 k
0.1
µF
SENSE
RESIN
GND
REF
RESET
RESET
VCC
CT
To System
RESET
RT
CT
System Supply
Reset Input
(from system)
To System
RESET
(see text)
7
2
1
3
5
6
8
4
10 k
Figure 8. System Reset Controller With Undervoltage Sensing
When the TL770xB SENSE terminal is used to monitor VCC, a current-limiting resistor in series with CT is
recommended. During normal operation, the timing capacitor is charged by the onboard current source to
approximately VCC or an internal voltage clamp (≈7.1-V Zener), whichever is less. When the circuit then is subjected
to an undervoltage condition during which VCC is rapidly slewed down, the voltage on CT exceeds that on VCC. This
forward biases a secondary path internally, which falsely activates the outputs. A fault is indicated when VCC drops
below V(CT), not when VSENSE falls below VT–.
Texas Instruments performs a 100% electrical screen to verify that the outputs do not switch with 1 mA forced into
the CT terminal. Adding the external resistor, RT, prevents false triggering. Its value is calculated as follows:
V
(CT) * VT–
R
T
Where:
V(CT) = VCC or 7.1 V, whichever is less
VT–
= 4.55 V (nom)
RT
= value of series resistor required
For VCC = 5 V:
5
* 4.55
R
T
t 1mA
Therefore,
R
T
u 450 W
Using a 20%-tolerance resistor, RT should be greater than 560 Ω.
Adding this series resistor changes the duration of the reset pulse by no more than 10%. RT extends the discharge
of CT, but also skews the V(CT) threshold. These effects tend to cancel one another. The precise percentage change
can be derived theoretically, but the equation is complicated by this interaction and is dependent upon the duration
of the supply-voltage fault condition.
Both outputs of the TL770xB should be terminated with similar value resistors, even when only one is being used.
This prevents unwanted plateauing in either output waveform during switching, which may be interpreted as an
undefined state or delay system reset.
The TL7705BM is obsolete
and no longer is supplied.


유사한 부품 번호 - TL7733BCD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL7733BCD TI-TL7733BCD Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733BCD TI-TL7733BCD Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733BCDE4 TI-TL7733BCDE4 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733BCDR TI-TL7733BCDR Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733BCDR TI-TL7733BCDR Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results

유사한 설명 - TL7733BCD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_03 Datasheet
346Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700A STMICROELECTRONICS-TL7700A Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
logo
Texas Instruments
TL7759 TI-TL7759 Datasheet
87Kb / 6P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
logo
STMicroelectronics
TL7700 STMICROELECTRONICS-TL7700 Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com