전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7568 데이터시트(PDF) 2 Page - Texas Instruments

부품명 DAC7568
상세설명  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC7568 데이터시트(HTML) 2 Page - Texas Instruments

  DAC7568_10 Datasheet HTML 1Page - Texas Instruments DAC7568_10 Datasheet HTML 2Page - Texas Instruments DAC7568_10 Datasheet HTML 3Page - Texas Instruments DAC7568_10 Datasheet HTML 4Page - Texas Instruments DAC7568_10 Datasheet HTML 5Page - Texas Instruments DAC7568_10 Datasheet HTML 6Page - Texas Instruments DAC7568_10 Datasheet HTML 7Page - Texas Instruments DAC7568_10 Datasheet HTML 8Page - Texas Instruments DAC7568_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DAC7568
DAC8168
DAC8568
SBAS430A – JANUARY 2009 – REVISED APRIL 2009 ..................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
MAXIMUM
OUTPUT
RELATIVE
DIFFERENTIAL
REFERENCE
VOLTAGE
SPECIFIED
ACCURACY
NONLINEARITY
DRIFT
FULL-SCALE
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
PRODUCT
(LSB)
(LSB)
(ppm/°C)
RANGE
RESET TO
LEAD
DESIGNATOR
RANGE
MARKING
DAC8568A
±12
±1
25
2.5V
Zero
TSSOP-16
PW
–40°C to +125°C
DA8568A
DAC8568B
±12
±1
25
2.5V
Midscale
TSSOP-16
PW
–40°C to +125°C
DA8568B
DAC8568C
±12
±1
5
5V
Zero
TSSOP-16
PW
–40°C to +125°C
DA8568C
DAC8568D
±12
±1
5
5V
Midscale
TSSOP-16
PW
–40°C to +125°C
DA8568D
DAC8168A
±4
±0.5
25
2.5V
Zero
TSSOP-14
PW
–40°C to +125°C
DA8168A
DAC8168C
±4
±0.5
5
5V
Zero
TSSOP-16
PW
–40°C to +125°C
DA8168C
DAC7568A
±1
±0.25
25
2.5V
Zero
TSSOP-14
PW
–40°C to +125°C
DA7568A
DAC7568C
±1
±0.25
5
5V
Zero
TSSOP-16
PW
–40°C to +125°C
DA7568C
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
DAC7568/DAC8168/DAC8568
UNIT
AVDD to GND
–0.3 to +6
V
Digital input voltage to GND
–0.3 to +AVDD + 0.3
V
VOUT to GND
–0.3 to +AVDD + 0.3
V
VREF to GND
–0.3 to +AVDD + 0.3
V
Operating temperature range
–40 to +125
°C
Storage temperature range
–65 to +150
°C
Junction temperature range (TJ max)
+150
°C
Power dissipation
(TJ max – TA)/θJA
W
Thermal impedance,
θ
JA
+118
°C/W
Thermal impedance,
θ
JC
+29
°C/W
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): DAC7568 DAC8168 DAC8568


유사한 부품 번호 - DAC7568_10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
More results

유사한 설명 - DAC7568_10

제조업체부품명데이터시트상세설명
logo
Texas Instruments
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568_101 TI-DAC7568_101 Datasheet
2Mb / 60P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568_13 Datasheet
1Mb / 65P
[Old version datasheet]   12-/14-/16-Bit, Octal-Channel, Ultralow Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
   16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
[Old version datasheet]   14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com