전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3A5018RSVR 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3A5018RSVR
상세설명  10-廓 QUAD SPDT ANALOG SWITCH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS3A5018RSVR 데이터시트(HTML) 2 Page - Texas Instruments

  TS3A5018RSVR Datasheet HTML 1Page - Texas Instruments TS3A5018RSVR Datasheet HTML 2Page - Texas Instruments TS3A5018RSVR Datasheet HTML 3Page - Texas Instruments TS3A5018RSVR Datasheet HTML 4Page - Texas Instruments TS3A5018RSVR Datasheet HTML 5Page - Texas Instruments TS3A5018RSVR Datasheet HTML 6Page - Texas Instruments TS3A5018RSVR Datasheet HTML 7Page - Texas Instruments TS3A5018RSVR Datasheet HTML 8Page - Texas Instruments TS3A5018RSVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TS3A5018
SCDS189D – JANUARY 2005 – REVISED MARCH 2010
www.ti.com
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
Tube of 40
TS3A5018D
SOIC – D
TS3A5018
Reel of 2500
TS3A5018DR
SSOP (QSOP) – DBQ
Reel of 2500
TS3A5018DBQR
YA018
Tube of 90
TS3A5018PW
TSSOP – PW
YA018
–40°C to 85°C
Reel of 2000
TS3A5018PWR
TVSOP – DGV
Reel of 2000
TS3A5018DGVR
YA018
TS3A5018RGYR
QFN – RGY
Reel of 3000
YA018
TS3A5018RGYRG4
uQFN – RSV
Reel of 3000
TS3A5018RSVR
ZUN
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
SUMMARY OF CHARACTERISTICS(1)
Quad Single-Pole,
Configuration
Double Throw
(4 × SPDT)
Number of channels
4
ON-state resistance (ron)
7
ON-state resistance match (
Δron)
0.3
ON-state resistance flatness (ron(flat))
5
Turn-on/turn-off time (tON/tOFF)
3.5 ns/2 ns
Charge injection (QC)
2 pC
Bandwidth (BW)
300 MHz
OFF isolation (OISO)
–48 dB at 10 MHz
Crosstalk (XTALK)
–48 dB at 10 MHz
Total harmonic distortion (THD)
0.2%
Leakage current (ICOM(OFF)
±5 mA
Power-supply current (I+)
2.5 mA
16-pin QFN, uQFN, SOIC,
Package options
SSOP, TSSOP, or TVSOP
(1)
V+ = 3.3 V, TA = 25°C
FUNCTION TABLE
NO TO COM,
NC TO COM,
EN
IN
COM TO NO
COM TO NC
L
L
OFF
ON
L
H
ON
OFF
H
X
OFF
OFF
2
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Link(s): TS3A5018


유사한 부품 번호 - TS3A5018RSVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A5018RSVR TI-TS3A5018RSVR Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018RSVR TI1-TS3A5018RSVR Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
More results

유사한 설명 - TS3A5018RSVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3A5018 TI-TS3A5018_10 Datasheet
700Kb / 27P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI1-TS3A5018_14 Datasheet
1Mb / 38P
[Old version datasheet]   10-廓 QUAD SPDT ANALOG SWITCH
TS3A5018 TI-TS3A5018_15 Datasheet
1Mb / 37P
[Old version datasheet]   TS3A5018 10-廓 Quad SPDT Analog Switch
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
logo
Texas Instruments
TS5A23157 TI1-TS5A23157_14 Datasheet
1,003Kb / 25P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A23157 TI-TS5A23157_10 Datasheet
672Kb / 23P
[Old version datasheet]   DUAL 10-廓 SPDT ANALOG SWITCH
TS5A3157 TI-TS5A3157_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3157 10-廓 SPDT Analog Switch
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com