전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL3L100 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TL3L100
상세설명  QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TL3L100 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TL3L100 Datasheet HTML 2Page - Texas Instruments TL3L100 Datasheet HTML 3Page - Texas Instruments TL3L100 Datasheet HTML 4Page - Texas Instruments TL3L100 Datasheet HTML 5Page - Texas Instruments TL3L100 Datasheet HTML 6Page - Texas Instruments TL3L100 Datasheet HTML 7Page - Texas Instruments TL3L100 Datasheet HTML 8Page - Texas Instruments TL3L100 Datasheet HTML 9Page - Texas Instruments TL3L100 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TS3L100
QUAD SPDT WIDEBANDWIDTH LAN SWITCH
WITH LOW ONSTATE RESISTANCE
SCDS161A − MAY 2004 – REVISED OCTOBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
OPERATING CHARACTERISTICS
−9
−8
−7
−6
−5
−4
−3
−2
−1
0
1
10
100
600
Frequency − MHz
−80
−70
−60
−50
−40
−30
−20
−10
0
−90
Y Gain 3 dB at 450 MHz
J Phase at 3-dB Frequency, −43 Degrees
J
Y
Phase
Gain
Figure 1. Gain/Phase vs Frequency


유사한 부품 번호 - TL3L100

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TL3 VISHAY-TL3 Datasheet
587Kb / 23P
   Solid Tantalum Surface Mount Chip Capacitors, TANTAMOUNT™, Molded Case, Very Low DCL
Revision: 22-Jun-17
logo
TiMOTION Technology Co....
TL3 TIMOTION-TL3 Datasheet
1Mb / 12P
   Max. load 4,000N (push)
20220411-V
logo
Banner Engineering Corp...
TL30 BANNER-TL30 Datasheet
807Kb / 6P
   TL30 Basic Tower Light
logo
Transko Electronics, In...
TL3002V TRANSKO-TL3002V Datasheet
452Kb / 4P
   300.00 MHz IF SAW Filter / 3.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL3007S TRANSKO-TL3007S Datasheet
452Kb / 3P
   300.00 MHz IF SAW Filter / 9.20 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results

유사한 설명 - TL3L100

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5L100 TI-TS5L100_10 Datasheet
928Kb / 28P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3L100 TI-TS3L100 Datasheet
476Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS5L100 TI-TS5L100 Datasheet
506Kb / 21P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH LAN SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS3V330 TI-TS3V330 Datasheet
382Kb / 18P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com