전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCVF2505DRG4 데이터시트(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCVF2505DRG4
상세설명  3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2505DRG4 데이터시트(HTML) 7 Page - Texas Instruments

Back Button CDCVF2505DRG4 Datasheet HTML 3Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 4Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 5Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 6Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 7Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 8Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 9Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 10Page - Texas Instruments CDCVF2505DRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CDCVF2505
3.3V CLOCK PHASELOCK LOOP CLOCK DRIVER
SCAS640E − JULY 2000 − REVISED MARCH 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
500
Yn = 25 pF || 500
CLKOUT = 12 pF || 500
From Output
Under Test
Figure 7. Test Load Circuit
50% VDD
tpd
CLKIN
1Y0 − 1Y3
2 V
0.4 V
50% VDD
2 V
0.4 V
tr
tf
3 V
0 V
VOH
VOL
Figure 8. Voltage Threshold for Measurements, Propagation Delay (tpd)
tsk(o)
Any Y
Any Y
50 % VDD
50 % VDD
Figure 9. Output Skew
tc1
tc2
tc(jit_CC) = tc1 − tc2
Figure 10. Cycle-to-Cycle Jitter


유사한 부품 번호 - CDCVF2505DRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCVF2505DRG4 TI1-CDCVF2505DRG4 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505DRG4 TI1-CDCVF2505DRG4 Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V Clock Phase-Lock Loop Clock Driver
More results

유사한 설명 - CDCVF2505DRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_17 Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V Clock Phase-Lock Loop Clock Driver
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com