전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCVF2505PWRG4 데이터시트(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCVF2505PWRG4
상세설명  3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCVF2505PWRG4 데이터시트(HTML) 6 Page - Texas Instruments

Back Button CDCVF2505PWRG4 Datasheet HTML 2Page - Texas Instruments CDCVF2505PWRG4 Datasheet HTML 3Page - Texas Instruments CDCVF2505PWRG4 Datasheet HTML 4Page - Texas Instruments CDCVF2505PWRG4 Datasheet HTML 5Page - Texas Instruments CDCVF2505PWRG4 Datasheet HTML 6Page - Texas Instruments CDCVF2505PWRG4 Datasheet HTML 7Page - Texas Instruments CDCVF2505PWRG4 Datasheet HTML 8Page - Texas Instruments CDCVF2505PWRG4 Datasheet HTML 9Page - Texas Instruments CDCVF2505PWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CDCVF2505
3.3V CLOCK PHASELOCK LOOP CLOCK DRIVER
SCAS640E − JULY 2000 − REVISED MARCH 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 3
0
−50
−100
−150
0
50
100
50
100
f − Frequency − MHz
tpd, TYPICAL PROPAGATION DELAY TIME
vs
FREQUENCY(TUNED FOR MINIMUM DELAY)
150
150
200
Load: CLKOUT = 21 pF || 500
Ω,
Yn = 25 pF || 500
Figure 4
45
47.5
50
52.5
55
25
50
75
100
125
150
175
200
DUTY CYCLE
vs
FREQUENCY
f − Frequency − MHz
Load: CLKOUT = 12 pF || 500
Ω,
Yn = 25 pF || 500
0
100
200
300
400
500
25
50
75
100
125
150
175
200
f − Frequency − MHz
CYCLE−CYCLE JITTER
vs
FREQUENCY
Typical Values @ 3.3 V,
TA = 25°C
Figure 5
Figure 6
0
20
40
60
80
100
120
0
20
40
60
80
100 120 140 160 180 200
ICC, SUPPLY CURRENT
vs
FREQUENCY
Worst Case @ VCC = 3.6 V, TA = 85°C,
Load: Y and CLKOUT = 25 pF || 500
f − Frequency − MHz


유사한 부품 번호 - CDCVF2505PWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCVF2505PWRG4 TI1-CDCVF2505PWRG4 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505PWRG4 TI1-CDCVF2505PWRG4 Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V Clock Phase-Lock Loop Clock Driver
More results

유사한 설명 - CDCVF2505PWRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_17 Datasheet
1Mb / 23P
[Old version datasheet]   3.3-V Clock Phase-Lock Loop Clock Driver
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com