전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBT3245ADW 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CBT3245ADW
상세설명  OCTAL FET BUS SWITCH
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3245ADW 데이터시트(HTML) 1 Page - Texas Instruments

  SN74CBT3245ADW Datasheet HTML 1Page - Texas Instruments SN74CBT3245ADW Datasheet HTML 2Page - Texas Instruments SN74CBT3245ADW Datasheet HTML 3Page - Texas Instruments SN74CBT3245ADW Datasheet HTML 4Page - Texas Instruments SN74CBT3245ADW Datasheet HTML 5Page - Texas Instruments SN74CBT3245ADW Datasheet HTML 6Page - Texas Instruments SN74CBT3245ADW Datasheet HTML 7Page - Texas Instruments SN74CBT3245ADW Datasheet HTML 8Page - Texas Instruments SN74CBT3245ADW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SN74CBT3245A
OCTAL FET BUS SWITCH
SCDS002Q − NOVEMBER 1992 − REVISED DECEMBER 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Standard ’245-Type Pinout
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
NC
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
OE
B1
B2
B3
B4
B5
B6
B7
B8
DB, DBQ, DGV, DW, OR PW PACKAGE
(TOP VIEW)
NC − No internal connection
RGY PACKAGE
(TOP VIEW)
120
10
11
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
OE
B1
B2
B3
B4
B5
B6
B7
A1
A2
A3
A4
A5
A6
A7
A8
NC − No internal connection
terminal assignments
1234
A
A1
NC
VCC
OE
B
A3
B2
A2
B1
C
A5
A4
B4
B3
D
A7
B6
A6
B5
E
GND
A8
B8
B7
NC − No internal connection
description/ordering information
The SN74CBT3245A provides eight bits of high-speed TTL-compatible bus switching. The SOIC, SSOP,
TSSOP, and TVSOP packages provide a standard ’245 device pinout. The low on-state resistance of the switch
allows connections to be made with minimal propagation delay.
The device is organized as one 8-bit switch. When the output-enable (OE) input is low, the switch is on, and
port A is connected to port B. When OE is high, the switch is open, and the high-impedance state exists between
the two ports.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
GQN OR ZQN PACKAGE
(TOP VIEW)
1
234
A
B
C
D
E


유사한 부품 번호 - SN74CBT3245ADW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBT3245ADW TI-SN74CBT3245ADW Datasheet
519Kb / 15P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245ADWE4 TI-SN74CBT3245ADWE4 Datasheet
519Kb / 15P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245ADWR TI-SN74CBT3245ADWR Datasheet
519Kb / 15P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245ADWRE4 TI-SN74CBT3245ADWRE4 Datasheet
519Kb / 15P
[Old version datasheet]   OCTAL FET BUS SWITCH
More results

유사한 설명 - SN74CBT3245ADW

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
HD74CBT3244 RENESAS-HD74CBT3244 Datasheet
213Kb / 11P
   Octal FET Bus Switch
logo
Texas Instruments
SN74CBT3244 TI1-SN74CBT3244_15 Datasheet
1Mb / 31P
[Old version datasheet]   Octal FET Bus Switch
logo
Renesas Technology Corp
HD74CBT3245A RENESAS-HD74CBT3245A Datasheet
215Kb / 12P
   Octal FET Bus Switch
logo
Texas Instruments
SN74CBT3244DBR TI1-SN74CBT3244DBR Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3244 TI-SN74CBT3244 Datasheet
64Kb / 4P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBT3245A TI-SN74CBT3245A Datasheet
519Kb / 15P
[Old version datasheet]   OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245 TI-SN74CBTLV3245 Datasheet
79Kb / 6P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A Datasheet
367Kb / 11P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
   Octal Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com