전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A4596DCKRE4 데이터시트(PDF) 1 Page - Texas Instruments

부품명 TS5A4596DCKRE4
상세설명  8-??SPST ANALOG SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A4596DCKRE4 데이터시트(HTML) 1 Page - Texas Instruments

  TS5A4596DCKRE4 Datasheet HTML 1Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 2Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 3Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 4Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 5Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 6Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 7Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 8Page - Texas Instruments TS5A4596DCKRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TS5A4596
8 W SPST ANALOG SWITCH
5V/3.3V SINGLECHANNEL ANALOG SWITCH
SCDS181 − FEBRUARY 2005
Description
The TS5A4596 is a single-pole single-throw (SPST)
analog switch that is designed to operate from 2 V to
5 V. This device can handle both digital and analog
signals, and signals up to V+ (peak) can be transmitted
in either direction.
Applications
D Sample-and-Hold Circuit
D Battery-Powered Equipment
D Audio and Video Signal Routing
D Communication Circuits
SOT-23 OR SC-70 PACKAGE
(TOP VIEW)
1
2
3
5
4
IN
COM
GND
NO
V+
FUNCTION TABLE
IN
NO TO COM,
COM TO NO
L
OFF
H
ON
Features
D Low ON-State Resistance (8 W)
D ON-State Resistance Flatness (1.5 W)
D Control Inputs Are 5.5-V Tolerant
D Low Charge Injection (5 pC Max)
D 450-MHz −3-dB Bandwidth at 255C
D Low Total Harmonic Distortion (THD) (0.04%)
D 2-V to 5.5-V Single-Supply Operation
D −85-dB OFF-Isolation at 1 MHz
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D 0.5-nA Max OFF Leakage
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model
(A114-B, Class II)
− 1000-V Charged-Device Model (C101)
D TTL/CMOS-Logic Compatible
Summary of Characteristics
V+ = 5 V, TA = 25°C
Configuration
Single Pole
Single Throw
(SPST)
Number of channels
1
ON-state resistance (ron)
8
ON-state resistance flatness (ron(flat))
1.5
Turn-on/turn-off time (tON/tOFF)
17 ns/14 ns
Charge injection (QC)
5 pC
Bandwidth (BW)
450 MHz
OFF isolation (OISO)
−85 dB at 1 MHz
Total harmonic distortion (THD)
0.04%
Leakagecurrent(ICOM(OFF)/INO(OFF))
±0.5 nA
Power-supply current (I+)
0.25
µA
Package option
5-pin SOT-23 or SC-70
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
−40
°C to 85°C
SOT (SOT-23) − DBV
Tape and reel
TS5A4596DBVR
JSC_
−40
°C to 85°C
SOT (SC−70) − DCK
Tape and reel
TS5A4596DCKR
JU_
(1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package.
(2) DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


유사한 부품 번호 - TS5A4596DCKRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A4596DCKR TI-TS5A4596DCKR Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
More results

유사한 설명 - TS5A4596DCKRE4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A4596 TI1-TS5A4596_14 Datasheet
890Kb / 22P
[Old version datasheet]   8- SPST ANALOG SWITCH
TS5A4597 TI1-TS5A4597_14 Datasheet
704Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI1-TS5A4594_14 Datasheet
883Kb / 22P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597_15 Datasheet
685Kb / 17P
[Old version datasheet]   SINGLE-CHANNEL 8 SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594_15 Datasheet
869Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL 8- SPST ANALOG SWITCH
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
TS5A4594 TI-TS5A4594_08 Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4597 TI-TS5A4597 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501_06 Datasheet
103Kb / 10P
   Single SPST Analog Switch
May, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com