전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC79L09F-TP 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 MC79L09F-TP
상세설명  Three-Terminal Low Current Negative Voltage Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MC79L09F-TP 데이터시트(HTML) 1 Page - Micro Commercial Components

  MC79L09F-TP Datasheet HTML 1Page - Micro Commercial Components MC79L09F-TP Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MC79L09F
Three-Terminal Low
Current Negative
Voltage Regulator
Features
Internal Short Circuit Current Limiting
Internal Thermal Overload Protection
No External Components Required
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Input Voltage
V1
30
V
Operating Junction Temperature
TOPR
-30---+75
oC
Storage Temperature Range
TSTG
-40---+125
oC
Electrical Characteristics( V i=15V, IO=40mA, 0 oC <Tj<125 oC,
C1=0.33uF, CO=0.1uF, unless otherwise specified)
Parameter
Sym
Min
Typ
Max
Test conditions
Output
Voltage
V0
8.64V
9.0V
9.36V
Vi=15V, IO=40mA
Load
Regulation
Vo -IO
12mV
90mV
Io=1mA-100mA,
Vi=15V
Line
regulation
Vo -Vi
27mV
200mV
12.5V
Vi
24V,
IO=40mA
Quiescent
Current
Iq
3.5mA
6.0mA
Vi=15V, IO=40mA
Output Noise
Voltage
VN
210
µV
10Hz
f
100KHz
Vi=15V, IO=40mA
Ripple
Rejection
RR
37dB
64dB
12V
V1
22V,
IO=40mA
f=120Hz, Tj=25
oC
eiN=1VP-P
*Note: Bypass Capacitors are recommended for optimum stability and
transient response and should be located as close as possible to the
regulators
MC79L09F
Input
Cin
0.33µF
CO
Output
0.1
µF
Typical Application:
 omponents
20736 Marilla Street Chatsworth

 !"#
$%  !"#
MCC

























 

 
 







061
----

55
----
REF.











































SOT-89
12
3
1. GND
2. IN(Case)
3. OUT
Revision:
4
2008/0
6/30
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
Case Material:Molded Plastic. UL Flammability
Classificatio Rating 94-0 and MSL Rating 1
B
A
E
D
G
H
F
K
J
C
























25



유사한 부품 번호 - MC79L09F-TP

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MC79L09BP MCC-MC79L09BP Datasheet
85Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L09BP-AP MCC-MC79L09BP-AP Datasheet
85Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L09BP-BP MCC-MC79L09BP-BP Datasheet
85Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
More results

유사한 설명 - MC79L09F-TP

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_13 Datasheet
232Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_09 Datasheet
132Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15F MCC-MC78L15F Datasheet
174Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08BP MCC-MC79L08BP_11 Datasheet
217Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L15BP MCC-MC79L15BP Datasheet
478Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F Datasheet
81Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com