전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA3113D2 데이터시트(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
부품명 TPA3113D2
상세설명  6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPA3113D2 데이터시트(HTML) 11 Page - Texas Instruments

Back Button TPA3113D2 Datasheet HTML 7Page - Texas Instruments TPA3113D2 Datasheet HTML 8Page - Texas Instruments TPA3113D2 Datasheet HTML 9Page - Texas Instruments TPA3113D2 Datasheet HTML 10Page - Texas Instruments TPA3113D2 Datasheet HTML 11Page - Texas Instruments TPA3113D2 Datasheet HTML 12Page - Texas Instruments TPA3113D2 Datasheet HTML 13Page - Texas Instruments TPA3113D2 Datasheet HTML 14Page - Texas Instruments TPA3113D2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
G032
VCC = 12 V
VCC = 24 V
Gain = 20 dB
LC Filter = 22
µH + 0.68 µF
RL = 8 Ω
VCC = 18 V
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
G019
VCC = 12 V
VCC = 18 V
Gain = 20 dB
ZL = 6 Ω + 47 µH
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
G033
VCC = 12 V
VCC = 18 V
Gain = 20 dB
LC Filter = 22
µH + 0.68 µF
RL = 6 Ω
PO − Output Power − W
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
G020
Gain = 20 dB
VCC = 12 V
ZL = 4 Ω + 33 µH
TPA3113D2
www.ti.com
SLOS650C – AUGUST 2009 – REVISED JULY 2010
TYPICAL CHARACTERISTICS (continued)
(All Measurements taken at 1 kHz, unless otherwise noted. Measurements were made using the TPA3113D2 EVM which is
available at ti.com.)
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER (BTL with LC FILTER)
OUTPUT POWER (BTL)
NOTE: Dashed lines represent thermally limited region.
NOTE: Dashed lines represent thermally limited region.
Figure 18.
Figure 19.
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT POWER (BTL with LC FILTER)
OUTPUT POWER (BTL)
NOTE: Dashed lines represent thermally limited region.
NOTE: Dashed line represents thermally limited region.
Figure 20.
Figure 21.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TPA3113D2


유사한 부품 번호 - TPA3113D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2 TI1-TPA3113D2 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2PWP TI-TPA3113D2PWP Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3113D2PWP TI1-TPA3113D2PWP Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2PWPR TI-TPA3113D2PWPR Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
More results

유사한 설명 - TPA3113D2

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPA3113D2 TI-TPA3113D2_15 Datasheet
1Mb / 34P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD
TPA3113D2 TI1-TPA3113D2_17 Datasheet
1Mb / 36P
[Old version datasheet]   6-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard
TPA3113D2 TI-TPA3113D2 Datasheet
1Mb / 32P
[Old version datasheet]   6-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER WITH SPEAKERGUARD?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2-Q1 TI-TPA3110D2-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPA3110D2-Q1 15-W Filter-Free Stereo Class-D Audio Power Amplifier With SpeakerGuard?
TPA3110D2 TI1-TPA3110D2_17 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
TPA3112D1-Q1 TI-TPA3112D1-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPA3112D1-Q1 25-W Filter-Free Mono Class-D Audio Power Amplifier With SpeakerGuard?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com