์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SW001A2B9 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 12 Page - Lineage Power Corporation

๋ถ€ํ’ˆ๋ช… SW001A2B9
์ƒ์„ธ๋‚ด์šฉ  SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  LINEAGEPOWER [Lineage Power Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.lineagepower.com
Logo 

SW001A2B9 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 12 Page - Lineage Power Corporation

Zoom Inzoom in Zoom Outzoom out
/ 24 page
 12 / 24 page
background image
Data Sheet
October 5, 2009
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
12
Characteristic Curves (continued)
The following figures provide typical characteristics for the SC003A5F91 (3.3V, 3.5A) at 25ยบC. The figures are
identical for either positive or negative Remote On/Off logic.
70
72
74
76
78
80
82
84
86
88
00.511.5
22.5
3
3.5
V I = 18V
V I = 27V
V I = 36V
OUTPUT CURRENT, Io (A)
TIME, t (5ms/div)
Figure 37. Converter Efficiency Vs Load.
Figure 40. Typical Start-Up Using Remote On/Off,
negative logic version shown.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
102030405060708090
100
110
3.0 m/ s (600 ft./min.)
2.0 m/ s (400 ft./min.)
1.0 m/ s (200 ft./min.)
Nat ural Convect ion
AMBIENT TEMPERATURE, TA
OC
TIME, t (1.0ms/div)
Figure 38. Derating Output Current versus Local
Ambient Temperature and Airflow.
Figure 41. Transient Response to Dynamic Load
Change from 50% to 75% to 50% of full load.
TIME, t (2
ฮผs/div)
TIME, t (50
ฮผs/div)
Figure 39. Typical Output Ripple and Noise, VIN=VIN,
nom IO=80% of IO, max.
Figure 42. Typical Start-Up Output Voltage Rise
Characteristic.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn