전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SW001A2B9 데이터시트(PDF) 17 Page - Lineage Power Corporation

부품명 SW001A2B9
상세설명  SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

SW001A2B9 데이터시트(HTML) 17 Page - Lineage Power Corporation

Back Button SW001A2B9 Datasheet HTML 13Page - Lineage Power Corporation SW001A2B9 Datasheet HTML 14Page - Lineage Power Corporation SW001A2B9 Datasheet HTML 15Page - Lineage Power Corporation SW001A2B9 Datasheet HTML 16Page - Lineage Power Corporation SW001A2B9 Datasheet HTML 17Page - Lineage Power Corporation SW001A2B9 Datasheet HTML 18Page - Lineage Power Corporation SW001A2B9 Datasheet HTML 19Page - Lineage Power Corporation SW001A2B9 Datasheet HTML 20Page - Lineage Power Corporation SW001A2B9 Datasheet HTML 21Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
October 5, 2009
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
17
Mechanical Outline for SW/SC Surface-Mount Module
Dimensions are in millimeters and (inches).
Tolerances: x.x mm
± 0.5 mm (x.xx in. ± 0.02 in.) [Unless otherwise indicated]
x.xx mm
± 0.25 mm (x.xxx in ± 0.010 in.)
Top View
(1.1)
24.4
(0.96)
27.9
Side View
height
min stand-off
(0.100)
2.54
0.5
(.020)
max
compliance
MAX
(0.335)
8.50
Bottom View
Pi
Function
1
Vin +
2
Vin -
3
ON/OFF
4
Vout +
5
TRIM
6
Vout -
1
2
3
4
5
6
10.16
(0.400)
20.32
(0.800)
(0.800)
(0.15)
7.62
(0.300)
12.70
(0.500)
(0.08)
20.32
3.8
2.0


유사한 부품 번호 - SW001A2B9

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
SW001A2B9 LINEAGEPOWER-SW001A2B9 Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SW001A2B91 LINEAGEPOWER-SW001A2B91 Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SW001A2B91-33Z LINEAGEPOWER-SW001A2B91-33Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SW001A2B91-SR LINEAGEPOWER-SW001A2B91-SR Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
SW001A2B91-SRZ LINEAGEPOWER-SW001A2B91-SRZ Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
More results

유사한 설명 - SW001A2B9

제조업체부품명데이터시트상세설명
logo
Lineage Power Corporati...
SW001A0C91Z LINEAGEPOWER-SW001A0C91Z Datasheet
364Kb / 24P
   18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
QBVW025A0B LINEAGEPOWER-QBVW025A0B Datasheet
1Mb / 18P
   QBVW025A0B Series Power Modules; DC-DC Converters 36-75Vdc Input; 12Vdc Output; 25A Output Current
ver 1.3 May 16, 2012
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
Wall Industries,Inc.
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
logo
List of Unclassifed Man...
SHHD003A0A ETC2-SHHD003A0A Datasheet
865Kb / 16P
   SHHD003A0A Hammerhead* Series; DC-DC Converter Power Modules 18-75Vdc Input; 5.0Vdc, 3A, 15W Output
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBW018A0B61-HTZ LINEAGEPOWER-QBW018A0B61-HTZ Datasheet
493Kb / 14P
   36-75Vdc Input; 12Vdc Output; 18A Output Current
QSW025A0B1Z LINEAGEPOWER-QSW025A0B1Z Datasheet
416Kb / 16P
   36 - 75Vdc Input; 12Vdc Output; 25A Output Current
logo
Vishay Siliconix
EBVW020A0B VISHAY-EBVW020A0B Datasheet
1Mb / 16P
   36-75Vdc Input; 12Vdc Output; 20A Output Current
Data Sheet June 27, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com