์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SW001A2B9 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 24 Page - Lineage Power Corporation

๋ถ€ํ’ˆ๋ช… SW001A2B9
์ƒ์„ธ๋‚ด์šฉ  SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  LINEAGEPOWER [Lineage Power Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.lineagepower.com
Logo 

SW001A2B9 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 24 Page - Lineage Power Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 24 page
 24 / 24 page
background image
Data Sheet
October 5, 2009
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
Document No: DS03-086 ver. 1.91
PDF name: sw001-002-003_series.pdf
Table 3. Device Options
Option*
Device Code Suffix**
Negative remote on/off logic (On/Off pin fitted)
โ€ 
1
Positive remote on/off logic (On/Off pin fitted)
โ€ 
4
Short Pins, 3.68 mm ยฑ 0.25mm (0.145 in. ยฑ 0.010 in.)
6
Output Voltage Adjustment (Trim pin fitted)
โ€ 
9
Surface mount connections, SMT (Tape & Reel)
-SR
RoHS Compliant
-Z
* Please contact Lineage Power Sales Representative for availability of these options, samples, minimum order
quantity and lead times. Legacy device codes may contain a โ€“B option suffix to indicate 100% factory Hi-Pot tested to
the isolation voltage specified in the Absolute Maximum Ratings table. The 100% Hi-Pot test is now applied to all
device codes, with or without the โ€“B option suffix. Existing comcodes for devices with the โ€“B suffix are still valid;
however, no new comcodes for devices containing the โ€“B suffix will be created.
** When adding multiple options to the product code, add numerical suffix codes in the descending order.
โ€ 
Either negative or positive logic (1 or 4), and output voltage adjustment (trim, 9) must be ordered on surface mount ,
SMT (-SR) device codes. Both the on/off pin and trim pin will be provided on all โ€“SR device codes.
World Wide Headquarters
Lineage Power Corporation
601 Shiloh Road, Plano, TX 75074, USA
+1-800-526-7819
(Outside U.S.A.: +1-972-244-9428)
www.lineagepower.com
e-mail: techsupport1@lineagepower.com
Asia-Pacific Headquarters
Tel: +65 6593 7211
Europe, Middle-East and Africa Headquarters
Tel: +49 898 780 672 80
India Headquarters
Tel: +91 80 28411633
Lineage Power reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or
application. No rights under any patent accompany the sale of any such product(s) or information.
Lineage Power DC-DC products are protected under various patents. Information on these patents is available at www.lineagepower.com/patents.
ยฉ 2009 Lineage Power Corporation, (Plano, Texas) All International Rights Reserved.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn