전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SW001A2B9 데이터시트(HTML) 1 Page - Lineage Power Corporation

부품명 SW001A2B9
상세내용  SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo 

SW001A2B9 데이터시트(HTML) 1 Page - Lineage Power Corporation

 
Zoom Inzoom in Zoom Outzoom out
/ 24 page
 1 / 24 page
background image
Data Sheet
October 5, 2009
SW/SC001/003 Series DC-DC Converter Power Modules:
18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
§ This product is intended for integration into end-use equipment. All of the required procedures of end-use equipment should be followed.
* UL is a registered trademark of Underwriters Laboratories, Inc.
CSA
is a registered trademark of Canadian Standards Association.
VDE
is a trademark of Verband Deutscher Elektrotechniker e.V.
** ISO is a registered trademark of the International Organization of Standards
Document No: DS03-086 ver. 1.91
PDF name: sw001-002-003_series.pdf
Applications
Wireless Networks
Distributed power architectures
Optical and Access Network Equipment
Enterprise Networks
Latest generation IC’s (DSP, FPGA, ASIC)
and Microprocessor powered applications
Options
Remote On/Off logic (positive or negative), pin
optional for TH version (Suffix 1 or 4)
Output voltage adjustment-Trim, pin optional
for TH version (Suffix 9)
Surface Mount/Tape and Reel (-SR Suffix)
Features
Compliant to RoHS EU Directive 2002/95/EC (-Z
versions)
Compliant to ROHS EU Directive 2002/95/EC with
lead solder exemption (non-Z versions)
Delivers up to 3.5A Output current
15V (1A), 12V (1.25A), 5.0V (3A) and 3.3V (3.5A)
High efficiency – 86% at 5.0V full load (VIN=54 Vdc)
Low output ripple and noise
Small Size and low profile
27.94mm x 24.38mm x 8.5mm
(1.10 x 0.96 x 0.335 in)
Industry Standard pin-out:
TH version is LW series compatible
Surface mount (SMT) or Through hole (TH)
Remote On/Off (optional pin on TH version)
Output overcurrent/voltage protection
Single Tightly regulated output
Output voltage adjustment trim
±10%
Wide operating temperature range (-40°C to 85°C)
Meets the voltage insulation requirements for ETSI
300-132-2 and complies with and is Licensed for
Basic Insulation rating per EN 60950
CE mark meets the 2006/95/EC directive
§
UL
* 60950-1Recognized, CSA
C22.2 No. 60950-1-
03 Certified, and VDE
0805: (IEC60950, 3rd
Edition) Licensed
ISO** 9001 and ISO 14001 certified manufacturing
facilities
Approved for Basic Insulation
Description
The SW/SC series power modules are isolated dc-dc converters that operate over a wide range of input voltage (VIN
= 18 - 36Vdc for SC modules and VIN = 36 – 75Vdc for SW modules) and provide a single precisely regulated
output. This series is a low cost, smaller size alternative to the existing LW/LAW/LC with enhanced performance
parameters. The output is fully isolated from the input, allowing versatile polarity configurations and grounding
connections. The modules exhibit high efficiency, typical efficiency of 86% for 5.0V/3A. Built-in filtering for both
input and output minimizes the need for external filtering.
RoHS Compliant


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn