전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

SW001A2B9 데이터시트(HTML) 11 Page - Lineage Power Corporation

부품명 SW001A2B9
상세내용  SW/SC001/003 Series DC-DC Converter Power Modules 18-36V & 36-75Vdc Input; 3.3V-15Vdc Output; 1-3.5A Output Current
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo 

SW001A2B9 데이터시트(HTML) 11 Page - Lineage Power Corporation

Zoom Inzoom in Zoom Outzoom out
/ 24 page
 11 / 24 page
background image
Data Sheet
October 5, 2009
SW/SC001/003 Series DC-DC Power Module:
18-36Vdc & 36-75Vdc Input; 3.3-15Vdc Output; 1-3.5A Output Current
LINEAGE POWER
11
Characteristic Curves (continued)
The following figures provide typical characteristics for the SC003A0A91 (5.0V, 3A) at 25ºC. The figures are identical
for either positive or negative Remote On/Off logic.
70
72
74
76
78
80
82
84
86
88
0
0.5
1
1.5
2
2.5
3
V I = 18V
V I = 27V
V I = 36V
OUTPUT CURRENT, Io (A)
TIME, t (5ms/div)
Figure 31. Converter Efficiency Vs Load.
Figure 34. Typical Start-Up Using Remote On/Off,
negative logic version shown.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
102030405060708090
100
110
3.0 m/ s (600 ft./min.)
2.0 m/ s (400 ft./min.)
1.0 m/ s (200 ft./min.)
Nat ural Convect ion
AMBIENT TEMPERATURE, TA
OC
TIME, t (1.0ms/div)
Figure 32. Derating Output Current versus Local
Ambient Temperature and Airflow.
Figure 35. Transient Response to Dynamic Load
Change from 50% to 75% to 50% of full load.
TIME, t (1
μs/div)
TIME, t (100
μs/div)
Figure 33. Typical Output Ripple and Noise, VIN=VIN,
nom IO=80% of IO, max.
Figure 36. Typical Start-Up Output Voltage Rise
Characteristic.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn