전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMAC-091C-1610 데이터시트(PDF) 4 Page - Schurter Inc.

부품명 FMAC-091C-1610
상세설명  Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMAC-091C-1610 데이터시트(HTML) 4 Page - Schurter Inc.

  FMAC-091C-1610 Datasheet HTML 1Page - Schurter Inc. FMAC-091C-1610 Datasheet HTML 2Page - Schurter Inc. FMAC-091C-1610 Datasheet HTML 3Page - Schurter Inc. FMAC-091C-1610 Datasheet HTML 4Page - Schurter Inc. FMAC-091C-1610 Datasheet HTML 5Page - Schurter Inc. FMAC-091C-1610 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image

3-Phase Filters
FMAC ECO
www.schurter.com/pg80
EMC Products
Case 1T
max. 320
(240)
max. 80
(42)
(10.5)
(270)
255
+0
–2
M6x14; 3-4 Nm
25 mm : 4-4.5 Nm
2
1)
2)
1) Line
2) Load
Case 1G
max. 330
(240)
max. 90
(48)
(26)
(270)
255
+0
–2
M10; 10-17 Nm
50 mm : 6-8 Nm
2
1)
2)
3)
3)
1) Line
2) Load
3) Do not unscrew lock-nut, keep lock-nut fastened while tightening


유사한 부품 번호 - FMAC-091C-1610

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
FMAC-0A24-0813 SCHURTER-FMAC-0A24-0813 Datasheet
485Kb / 2P
   Output filter for 3-phase frequency inverter
FMAC-0A27-1613 SCHURTER-FMAC-0A27-1613 Datasheet
485Kb / 2P
   Output filter for 3-phase frequency inverter
FMAC-0A38-3213 SCHURTER-FMAC-0A38-3213 Datasheet
485Kb / 2P
   Output filter for 3-phase frequency inverter
FMAC-0A40-2513 SCHURTER-FMAC-0A40-2513 Datasheet
485Kb / 2P
   Output filter for 3-phase frequency inverter
FMAC-0S2K-0462-A SCHURTER-FMAC-0S2K-0462-A Datasheet
623Kb / 4P
   Sine wave output filter
More results

유사한 설명 - FMAC-091C-1610

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
FMACECO SCHURTER-FMACECO Datasheet
601Kb / 6P
   Ultra compact and efficient 1-stage filter in ECO design for 3-phase systems
FMBC-0994-1000 SCHURTER-FMBC-0994-1000 Datasheet
688Kb / 4P
   Ultra compact and efficient 2-stage filter in ECO design for 3-phase systems
FMAC SCHURTER-FMAC_V01 Datasheet
848Kb / 8P
   1- stage filter for 3-phase systems
FMADNEO SCHURTER-FMADNEO Datasheet
749Kb / 6P
   1-stage filter for 3-phase systems
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
   Compact 1-stage filter for 3-phase systems with neutral conductor
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
   2-stage filter for 3-phase systems
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
   2-stage filter for 3-phase systems
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMAD SCHURTER-FMAD Datasheet
714Kb / 5P
   1-stage filter for 3-phase systems with neutral conductor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com