전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMAD 데이터시트(PDF) 1 Page - Schurter Inc.

부품명 FMAD
상세설명  1-stage filter for 3-phase systems with neutral conductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMAD 데이터시트(HTML) 1 Page - Schurter Inc.

  FMAD Datasheet HTML 1Page - Schurter Inc. FMAD Datasheet HTML 2Page - Schurter Inc. FMAD Datasheet HTML 3Page - Schurter Inc. FMAD Datasheet HTML 4Page - Schurter Inc. FMAD Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

3-Phase Filters
FMAD
www.schurter.com/pg80
EMC Products
1-stage filter for 3-phase systems with neutral conductor
Description
-Terminalsforthreephases,neutralconductorandground
-Veryhighsymmetricalandasymmetricalattenuationloss
-Inthefrequencyrangefrom10kHzupto300MHz
Standards
-IEC60939
-UL1283,Edition5,CSA22.2No.8-M1986,@Ta75°C
Applications
-Voltagerating480VACforworldwideacceptance
-Protectionagainstinterferencevoltagefromthemains
-Forstandardandindustrialapplications
-QualifiedforuseinequipmentaccordingIEC/EN60950
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check
Technical Data
RatedCurrent
6-550A
Ratedvoltage
275-480VAC,50/60Hz
Approvalfor
6-550A@40(75)°C/275/480VAC
OverloadCurrent
1.5xIr
LeakageCurrent
industrial<5mA(440V/50Hz)
DielectricStrengthfor480VAC 2.25kVDCbetweenL-L
1.7kVDCbetweenL-N
3kVDCbetweenL-PE
2.7kVDCbetweenN-PE
Testvoltage(2sec)
NumberofFilterStages
1
Weight
0.95-24.5kg
Material:Housing
Metal
SealingCompound
UL94V-0
Mounting
Screw-onmountingonchassis,from
top
Terminal
ScrewClamp
OperatingTemperature[°C]
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
DegreeofProtection
IP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
MTBF
>200'000hacc.toMIL-HB-217F
Dimensions
Case 24-3
51±0.3
5.3 ±0.3
max. 137
(7)
max. 100
max. 58
(17)
M6
1)
2)
3)
1) Line
2) Load
3) Nut torque 3...4 Nm
Case 31-4
115 ±0.3
max. 217
max. 181
max. 61
(7)
(17)
6.5±0.3
M6
1)
2)
3)


유사한 부품 번호 - FMAD

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
FMAD SCHURTER-FMAD Datasheet
545Kb / 6P
   1-stage filter for 3-phase systems with neutral conductor
FMAD-T4QT-1660.EU SCHURTER-FMAD-T4QT-1660.EU Datasheet
322Kb / 3P
   1-stage filter with 3-phase CEE connector
FMAD-T4QT-3060.US SCHURTER-FMAD-T4QT-3060.US Datasheet
322Kb / 3P
   1-stage filter with 3-phase CEE connector
FMAD-T4QT-3260.EU SCHURTER-FMAD-T4QT-3260.EU Datasheet
322Kb / 3P
   1-stage filter with 3-phase CEE connector
FMADCEE SCHURTER-FMADCEE Datasheet
322Kb / 3P
   1-stage filter with 3-phase CEE connector
More results

유사한 설명 - FMAD

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
FMAD SCHURTER-FMAD_V01 Datasheet
545Kb / 6P
   1-stage filter for 3-phase systems with neutral conductor
FMADCP SCHURTER-FMADCP Datasheet
442Kb / 4P
    1-stage filter for 3-phase systems with neutral conductor
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
   Compact 1-stage filter for 3-phase systems with neutral conductor
FMBD SCHURTER-FMBD Datasheet
968Kb / 6P
   2-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMADRAIL SCHURTER-FMADRAIL Datasheet
350Kb / 3P
   1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
   Compact 2-stage filter for 3-phase systems with neutral conductor
FMADRAIL SCHURTER-FMADRAIL_V01 Datasheet
355Kb / 3P
   1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMAC SCHURTER-FMAC_V01 Datasheet
848Kb / 8P
   1- stage filter for 3-phase systems
FMADNEO SCHURTER-FMADNEO Datasheet
749Kb / 6P
   1-stage filter for 3-phase systems
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com