전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCA8109 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TPCA8109
상세설명  Silicon P Channel MOS Type (U-MOS??
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8109 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TPCA8109 Datasheet HTML 1Page - Toshiba Semiconductor TPCA8109 Datasheet HTML 2Page - Toshiba Semiconductor TPCA8109 Datasheet HTML 3Page - Toshiba Semiconductor TPCA8109 Datasheet HTML 4Page - Toshiba Semiconductor TPCA8109 Datasheet HTML 5Page - Toshiba Semiconductor TPCA8109 Datasheet HTML 6Page - Toshiba Semiconductor TPCA8109 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCA8109
2009-12-03
4
−100
−2
VGS = −10 V
−4.5
100
10
−0.1
−1
−10
1
−12
ID = −24 A
−6
0
−4
−8
−12
−16
−20
0
−0.1
−0.2
−0.3
−0.4
−0.5
Ta
= −55°C
100
25
−1
−2
−3
−4
0
−10
−20
−30
−40
−50
0
0
−10
−20
−30
−40
−50
−2.8
VGS = −2 V
−10
2.6
−3
0
−0.8
−1.2
−1.6
−3.2
−6
−3.6
−4.5
−2.4
−0.4
−2.2
ID – VDS
−3
VGS = −1.9 V
−2.4
0
−0.2
−0.4
−0.6
−0.8
−1
−2.6
0
−2
−4
−6
−8
−10
−2.2
−6
−10
−2.1
−4.5
−2.3
−2
ID – VDS
ID – VGS
VDS – VGS
RDS (ON) – ID
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
VDS = −10 V
Pulse test
Common source
Ta
= 25°C
Pulse test
Common source
Ta
= 25°C
Pulse test
Drain
−source voltage VDS (V)
Drain-source voltage VDS (V)
Gate
−source voltage VGS (V)
Gate
−source voltage VGS (V)
Drain current ID (A)


유사한 부품 번호 - TPCA8109

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8109 TOSHIBA-TPCA8109 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - TPCA8109

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCP8302 TOSHIBA-TPCP8302_08 Datasheet
272Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPC8127 TOSHIBA-TPC8127 Datasheet
222Kb / 7P
   Silicon P Channel MOS Type (U-MOS??
TPC6103 TOSHIBA-TPC6103 Datasheet
230Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105_06 Datasheet
259Kb / 7P
   Silicon P Channel MOS Type (U-MOS III)
TJ200F04M3L TOSHIBA-TJ200F04M3L_V01 Datasheet
313Kb / 11P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.8.0
TJ40S04M3L TOSHIBA-TJ40S04M3L_V01 Datasheet
257Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
TJ20S04M3L TOSHIBA-TJ20S04M3L_V01 Datasheet
260Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.7.0
TJ80S04M3L TOSHIBA-TJ80S04M3L_V01 Datasheet
269Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.9.0
TJ8S06M3L TOSHIBA-TJ8S06M3L_V01 Datasheet
278Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.9.0
TJ15S06M3L TOSHIBA-TJ15S06M3L_V01 Datasheet
264Kb / 9P
   Silicon P-Channel MOS (U-MOS)
2020-06-24 Rev.8.0
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com