전자부품 데이터시트 검색엔진 |
|
KD11.4199.109 데이터시트(PDF) 1 Page - Schurter Inc. |
|
KD11.4199.109 데이터시트(HTML) 1 Page - Schurter Inc. |
1 / 4 page Power entry modules without line filter KD-Bowdencable www.schurter.com/pg05 Connectors IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector Standard or Medical Fuse drawer C14 70° C Description -PanelMount: Screw-onversionfromfrontorrearside,snap-inversionfromfront side -4Functions: ApplianceInletProtectionclassI,Lineswitchforbowdencableactua- tion2-pole,FuseholderwithinterchangeablefusedrawerforFuse-links 5x20mmor6.3x32mm,withorwithoutvoltageselector(step) -Quickconnectterminals4.8x0.8mm -Alternative:versionwithlinefilterCD-Bowdencable Approvals -VDELicenseNumber:40011925 -ULLicenseNumber:E93617 -CSALicenseNumber:38456 Characteristics -Allsingleelementsarealreadywired -Thefusedrawer"Fingergrip"canberemovedbyhand Foraddedsafety"Extra-Safe"fusedrawersareavailable FusedrawermeetsrequirementsofmedicalstandardIEC/EN60601-1 Thefusedrawercanonlybeopenedwiththeaidofatool Thefuseholderisaccessiblefromtheequipmentfront -QualifiedforuseinequipmentaccordingIEC/EN60950 Other versions on request -ForprotectionclassII -Withoutvoltageselector References GeneralProductInformation Weblinks Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories Technical Data RatingsIEC 6A/250VAC;50Hz RatingsUL/CSA 8A/125VAC;60Hz DielectricStrength >3kVACbetweenL-N >4kVACbetweenL/N-PE (1min/50Hz) AllowableOperationTemp. -25°Cto70°C DegreeofProtection fromfrontsideIP40acc.toIEC60529 ProtectionClass Suitableforapplianceswithprotection class1acc.toIEC61140 Terminal Quickconnectterminals4.8x0.8mm ,tin-plated PanelThicknesss Screw:max8mm Mountingscrewtorquemax0.5Nm Snap-in:1.5/2/2.5mm Material:Housing Thermoplastic,black,UL94V-0 ApplianceInlet C14acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70°C,10A, ProtectionClass1 Fuseholder 1or2pole,ShocksafecategoryPC2 acc.toIEC60127-6, forfuse-links5x20or6.3x32mm RatedPowerAcceptance@ Ta23°C 5x20:2.5W(1pole)/2W(2-pole)per pole 6.3x32:3.15W(1pole)/2.5W(2-pole) perpole PowerAcceptance@Ta> 23°C Admissiblepoweracceptanceathig- herambienttemperatureseederating curves LineSwitch Switchforbowdencable2-pole,non- illuminated,acc.toIEC61058-1 Technicaldetails VoltageSelectors optional,step,2-4digits |
유사한 부품 번호 - KD11.4199.109 |
|
유사한 설명 - KD11.4199.109 |