전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KD14.4199.109 데이터시트(PDF) 2 Page - Schurter Inc.

부품명 KD14.4199.109
상세설명  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KD14.4199.109 데이터시트(HTML) 2 Page - Schurter Inc.

  KD14.4199.109 Datasheet HTML 1Page - Schurter Inc. KD14.4199.109 Datasheet HTML 2Page - Schurter Inc. KD14.4199.109 Datasheet HTML 3Page - Schurter Inc. KD14.4199.109 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image

Power entry modules without line filter
KD-Bowdencable
www.schurter.com/pg05
Connectors
Dimensions
83.5mm
Screw on PCB mounting
30
55
0.6
4.8x0.8
R 4.5
R 6
R 3.1
18
27.5
27.2
27.5
+0.2
0
R 3
0
-0.2
2.2
2
M3/ø 3.6
18 ±0.1
=>
R 0.5
78
Panel cut-out for the actuating part
Snap-in mounting
55
0.6
4.8x0.8
R 4.5
R 3.1
18
27.5
27.2
27.5
+0.2
0
R 3
0
-0.2
2.2
2
18 ±0.1
=>
R 0.5
78
S ±0.1
30
Panel cut-out for the actuating part
Diagrams
without voltage selector
1-pole
without voltage selector
2-pole
with voltage selector
1-pole
with voltage selector
2-pole


유사한 부품 번호 - KD14.4199.109

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
KD14.4101.105 SCHURTER-KD14.4101.105 Datasheet
586Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD14.4101.105 SCHURTER-KD14.4101.105 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KD14.4101.107 SCHURTER-KD14.4101.107 Datasheet
586Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD14.4101.109 SCHURTER-KD14.4101.109 Datasheet
586Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD14.4101.151 SCHURTER-KD14.4101.151 Datasheet
586Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
More results

유사한 설명 - KD14.4199.109

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
KG156199151 SCHURTER-KG156199151 Datasheet
493Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KD-BOWDENCABLE SCHURTER-KD-BOWDENCABLE Datasheet
556Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
20.08.2020
KG-BOWDENCABLE SCHURTER-KG-BOWDENCABLE Datasheet
424Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
20.08.2020
KD13.1101.105 SCHURTER-KD13.1101.105_V01 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG16.5101.105 SCHURTER-KG16.5101.105 Datasheet
582Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG165101151 SCHURTER-KG165101151 Datasheet
568Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD134101151 SCHURTER-KD134101151 Datasheet
586Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
GRM1 SCHURTER-GRM1 Datasheet
413Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 2-pole and Voltage Selector
GRM1 SCHURTER-GRM1_V01 Datasheet
417Kb / 3P
   IEC Appliance Inlet C14 with Fuseholder 2-pole, Line Switch 2-pole and Voltage Selector
01.03.2013
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com