전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KD14.4101.107 데이터시트(PDF) 3 Page - Schurter Inc.

부품명 KD14.4101.107
상세설명  IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SCHURTER [Schurter Inc.]
홈페이지  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

KD14.4101.107 데이터시트(HTML) 3 Page - Schurter Inc.

  KD14.4101.107 Datasheet HTML 1Page - Schurter Inc. KD14.4101.107 Datasheet HTML 2Page - Schurter Inc. KD14.4101.107 Datasheet HTML 3Page - Schurter Inc. KD14.4101.107 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image

Power entry modules without line filter
KD
www.schurter.com/pg05
Connectors
Fusedrawermustbeorderedseparately
Type
Panel mounting
Panel Thickness
s [mm]
Fuseholder
Line Switch
Voltage selector max.
4 pos*
Order Number
KD
Screw
-
1-pole
Rocker switch
2-4 digits
KD13.4101.151
KD
Screw
-
1-pole
Rocker switch
without
KD13.1101.151
KD
Screw
-
2-pole
Rocker switch
2-4 digits
KD14.4101.151
KD
Screw
-
2-pole
Rocker switch
without
KD14.1101.151
KD
Snap-in
1.5
1-pole
Rocker switch
2-4 digits
KD13.4101.105
KD
Snap-in
2
1-pole
Rocker switch
2-4 digits
KD13.4101.107
KD
Snap-in
2.5
1-pole
Rocker switch
2-4 digits
KD13.4101.109
KD
Snap-in
1.5
1-pole
Rocker switch
without
KD13.1101.105
KD
Snap-in
2
1-pole
Rocker switch
without
KD13.1101.107
KD
Snap-in
2.5
1-pole
Rocker switch
without
KD13.1101.109
KD
Snap-in
1.5
2-pole
Rocker switch
2-4 digits
KD14.4101.105
KD
Snap-in
2
2-pole
Rocker switch
2-4 digits
KD14.4101.107
KD
Snap-in
2.5
2-pole
Rocker switch
2-4 digits
KD14.4101.109
KD
Snap-in
1.5
2-pole
Rocker switch
without
KD14.1101.105
KD
Snap-in
2
2-pole
Rocker switch
without
KD14.1101.107
KD
Snap-in
2.5
2-pole
Rocker switch
without
KD14.1101.109
Canbeusedas2-/3-positionvoltageselector-takeonlycorrespondingterminals
Packaging unit
20Pcs
Required Accessory
Description
Fusedrawer 3
Fusedrawer for Fuse Links 5x20mm resp.. 6.3x32mm
Fingergrip, 5 x 20, 2-pole, Voltage Selectors
4303.2014.00
Fingergrip, 5 x 20, 2-pole, Voltage Selectors, 100, 120, 220, 240
4303.2014.01
Fingergrip, 5 x 20, 2-pole, Voltage Selectors, 110, 150, 220
4303.2014.02
Fingergrip, 5 x 20, 2-pole, Voltage Selectors, 110, 220
4303.2014.03
...
Accessories
Assorted Covers
Rear Cover
0859.0074
Cord retaining kits
Cord retaining strain relief
Flat head, A
4700.0001


유사한 부품 번호 - KD14.4101.107

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
KD14.4101.105 SCHURTER-KD14.4101.105 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
More results

유사한 설명 - KD14.4101.107

제조업체부품명데이터시트상세설명
logo
Schurter Inc.
KG165101151 SCHURTER-KG165101151 Datasheet
568Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 1- or 2-pole and Voltage Selector
KD13.1101.105 SCHURTER-KD13.1101.105_V01 Datasheet
686Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG16.5101.105 SCHURTER-KG16.5101.105 Datasheet
582Kb / 6P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Line Switch 2-pole and Voltage Selector
08.12.2021
KG156199151 SCHURTER-KG156199151 Datasheet
493Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KD114199151 SCHURTER-KD114199151 Datasheet
504Kb / 4P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
KG-BOWDENCABLE SCHURTER-KG-BOWDENCABLE Datasheet
424Kb / 5P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
20.08.2020
DD11 SCHURTER-DD11_18 Datasheet
386Kb / 5P
   IEC Appliance Inlet C14 with Line Switch 2-pole, Fuseholder 1- or 2-pole
6765 SCHURTER-6765 Datasheet
453Kb / 4P
   IEC Appliance Inlet C14 or C18 with Line Switch 1-or 2 pole and Fuseholder 1- or 2-pole
KEC SCHURTER-KEC_18 Datasheet
822Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
KEC SCHURTER-KEC_V01 Datasheet
874Kb / 8P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole and Voltage Selector
08.12.2021
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com