전자부품 데이터시트 검색엔진 |
|
MC2800EVK 데이터시트(PDF) 9 Page - Motorola, Inc |
|
MC2800EVK 데이터시트(HTML) 9 Page - Motorola, Inc |
9 / 10 page MC2800EVK 9 MOTOROLA RF/IF DEVICE DATA Table 2. SAW Filter Specification Part Number SAFC284ME75N [Note] Nominal Center Frequency, fo 284.0 MHz Insertion Loss fo – 100 MHz to fo – 37.5 MHz fo ± 4.0 MHz fo + 37.5 MHz to fo + 100 MHz 48 dB min 4.5 dB max 40 dB min Ripple within fo ±4.0 MHz/dB 2.0 max Nominal Input / Output impedance 230 Ω // − 0.2 pF NOTE: SAW filter SAFC284ME75N is the product of muRata Manufacturing Co., Ltd. For further enquiry, please refer to the muRata’s product catalog. Table 3. Crystal Filter Specification Nominal Center Frequency, fo 21.400000 MHz ± 1.0 kHz Number of Pole 2 poles Pass Band Width –3.0 dB / ±7.5 kHz min Stop Band Width –18 dB / ±25.0 kHz max Pass Band Ripple 0.5 dB max Insertion Loss 1.5 dB max Nominal Input / Output impedance 1.5 k Ω // 2.0 pF Table 4. Ceramic Filter Specification Part Number CFWC455D [Note] Nominal Center Frequency, fo 455 kHz 3.0 dB Bandwidth from fo ±8.0 kHz 50 dB Bandwidth from fo ±17.0 kHz Stop Band Attenuation Within fo ± 18 to 33 kHz Within fo ± 100 kHz 55 dB min 50 dB min Spurious within 0.1 to 1.0 MHz 20 dB min Ripple within fo ± 7.5 kHz 2.0 dB max Nominal Input/Output impedance 1.5 k Ω NOTE: Ceramic filter CFWC455D is the product of muRata Manufacturing Co., Ltd. For further inquiry, please refer to muRata’s product catalog. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
유사한 부품 번호 - MC2800EVK |
|
유사한 설명 - MC2800EVK |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |