전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4987US 데이터시트(PDF) 2 Page - Semtech Corporation

부품명 1N4987US
상세설명  Surface Mount(US),5 WATT Voltage Regulators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

1N4987US 데이터시트(HTML) 2 Page - Semtech Corporation

  1N4987US Datasheet HTML 1Page - Semtech Corporation 1N4987US Datasheet HTML 2Page - Semtech Corporation 1N4987US Datasheet HTML 3Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
© 2010 Semtech Corp.
www.semtech.com
POWER DISCRETES
1N4954US THRU 1N4990US
Electrical specifications @ T
A = 25°C unless otherwise specified.
e
c
i
v
e
D
s
e
p
y
T
V
Z
m
o
N
V
Z
n
i
M
V
Z
x
a
M
I
Z
t
s
e
T
t
n
e
r
r
u
C
T
A +
=
C
°
5
2
Z
Z
.
d
e
p
m
I
Z
K
e
e
n
K
.
d
e
p
m
I
I
Z
x
a
M
C
D
t
n
e
r
r
u
C
V
z
)
g
e
r
(
e
g
a
t
l
o
V
.
g
e
R
I
M
S
Z
@
T
A
+
=
C
°
5
2
V
R
e
s
r
e
v
e
R
e
g
a
t
l
o
V
I
R
e
s
r
e
v
e
R
t
n
e
r
r
u
C
C
D
ααααα Z
V
.
p
m
e
T
.
f
f
e
o
C
I
R
e
s
r
e
v
e
R
t
n
e
r
r
u
C
C
D
T
A
C
°
0
5
1
+
=
I
K
Z
t
s
e
T
t
n
e
r
r
u
C
V
V
V
A
m
A
m
V
A
V
A
µ
C
°
/
%
A
µ
A
m
S
U
1
7
9
4
N
1
6
3
2
.
4
3
8
.
7
3
0
3
1
1
0
2
2
2
3
1
0
.
3
5
.
4
4
.
7
2
0
.
2
5
9
0
.
0
0
1
0
.
1
S
U
2
7
9
4
N
1
9
3
1
.
7
3
9
.
0
4
0
3
4
1
0
3
2
2
2
1
0
.
3
0
.
4
7
.
9
2
0
.
2
5
9
0
.
0
0
1
0
.
1
S
U
3
7
9
4
N
1
3
4
9
.
0
4
1
.
5
4
0
3
0
2
0
4
2
0
1
1
3
.
3
5
.
3
7
.
2
3
0
.
2
5
9
0
.
0
0
1
0
.
1
S
U
4
7
9
4
N
1
7
4
7
.
4
4
3
.
9
4
5
2
5
2
0
5
2
0
0
1
5
.
3
2
.
3
8
.
5
3
0
.
2
5
9
0
.
0
0
1
0
.
1
S
U
5
7
9
4
N
1
1
5
5
.
8
4
5
.
3
5
5
2
7
2
0
7
2
2
9
0
.
4
0
.
3
8
.
8
3
0
.
2
5
9
0
.
0
0
1
0
.
1
S
U
6
7
9
4
N
1
6
5
2
.
3
5
8
.
8
5
0
2
5
3
0
2
3
4
8
4
.
4
8
.
2
6
.
2
4
0
.
2
5
9
0
.
0
0
1
0
.
1
S
U
7
7
9
4
N
1
2
6
9
.
8
5
1
.
5
6
0
2
2
4
0
0
4
6
7
0
.
5
5
.
2
1
.
7
4
0
.
2
0
0
1
.
0
0
1
0
.
1
S
U
8
7
9
4
N
1
8
6
6
.
4
6
4
.
1
7
0
2
0
5
0
0
5
0
7
5
.
5
2
.
2
7
.
1
5
0
.
2
0
0
1
.
0
0
1
0
.
1
S
U
9
7
9
4
N
1
5
7
3
.
1
7
7
.
8
7
0
2
5
5
0
2
6
3
6
0
.
6
0
.
2
6
5
0
.
2
0
0
1
.
0
0
1
0
.
1
S
U
0
8
9
4
N
1
2
8
9
.
7
7
1
.
6
8
5
1
0
8
0
2
7
8
5
6
.
6
8
.
1
2
.
2
6
0
.
2
0
0
1
.
0
0
1
0
.
1
S
U
1
8
9
4
N
1
1
9
5
.
6
8
5
.
5
9
5
1
0
9
0
6
7
5
.
2
5
5
.
7
6
.
1
2
.
9
6
0
.
2
0
0
1
.
0
0
1
0
.
1
S
U
2
8
9
4
N
1
0
0
1
0
.
5
9
5
0
1
2
1
0
1
1
0
0
8
5
.
7
4
0
.
8
4
.
1
0
.
6
7
0
.
2
0
0
1
.
0
0
1
0
.
1
S
U
3
8
9
4
N
1
0
1
1
5
.
4
0
1
5
.
5
1
1
2
1
5
2
1
0
0
0
1
3
4
0
.
9
2
.
1
6
.
3
8
0
.
2
0
0
1
.
0
0
1
0
.
1
S
U
4
8
9
4
N
1
0
2
1
0
.
4
1
1
0
.
6
2
1
0
1
0
7
1
0
5
1
1
5
.
9
3
0
1
0
.
1
2
.
1
9
0
.
2
0
0
1
.
0
0
1
0
.
1
S
U
5
8
9
4
N
1
0
3
1
5
.
3
2
1
5
.
6
3
1
0
1
0
9
1
0
5
2
1
6
.
6
3
1
1
8
.
8
.
8
9
0
.
2
5
0
1
.
0
0
1
0
.
1
S
U
6
8
9
4
N
1
0
5
1
5
.
2
4
1
5
.
7
5
1
8
0
3
3
0
0
5
1
6
.
1
3
3
1
5
7
.
0
.
4
1
1
0
.
2
5
0
1
.
0
0
1
0
.
1
S
U
7
8
9
4
N
1
0
6
1
2
5
1
8
6
1
8
0
5
3
0
5
6
1
4
.
9
2
4
1
0
7
.
6
.
1
2
1
0
.
2
5
0
1
.
0
0
1
0
.
1
S
U
8
8
9
4
N
1
0
8
1
1
7
1
9
8
1
5
0
5
4
0
5
7
1
4
.
6
2
6
1
0
6
.
8
.
6
3
1
0
.
2
0
1
1
.
0
0
1
0
.
1
S
U
9
8
9
4
N
1
0
0
2
0
9
1
0
1
2
5
0
0
5
0
5
8
1
6
.
3
2
8
1
0
5
.
0
.
2
5
1
0
.
2
0
1
1
.
0
0
1
0
.
1
S
U
0
9
9
4
N
1
0
2
2
9
0
2
1
3
2
5
0
5
5
0
0
0
2
6
.
1
2
9
1
0
5
0
.
7
6
1
0
.
2
5
1
1
.
0
0
0
1
0
.
1
Electrical Specifications (Cont.)
Notes:
(1) Operating Temperature: -55
°C to 175°C .
(2) Storage Temperature: -65
°C to 175°C .


유사한 부품 번호 - 1N4987US

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
1N4987US MICROSEMI-1N4987US Datasheet
83Kb / 4P
   5 WATT GLASS ZENER DIODES
1N4987US MICROSEMI-1N4987US Datasheet
503Kb / 4P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 5 WATT GLASS ZENER
logo
Sensitron
1N4987US SENSITRON-1N4987US Datasheet
127Kb / 3P
   Zener 5W Voltage Regulator
1N4987US SENSITRON-1N4987US Datasheet
105Kb / 3P
   Zener 5W Voltage Regulator
More results

유사한 설명 - 1N4987US

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N4460US SEMTECH-1N4460US Datasheet
72Kb / 3P
   Surface Mount(US) 1.5 WATT Voltage Regulators
logo
ON Semiconductor
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
1SMB5913BT3 ONSEMI-1SMB5913BT3 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
1SMB59XXBT3G ONSEMI-1SMB59XXBT3G Datasheet
154Kb / 7P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
1SMB5913BT3 ONSEMI-1SMB5913BT3_06 Datasheet
72Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
July, 2006 ??Rev. 6
SZ1SMB5936T3G ONSEMI-SZ1SMB5936T3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com