전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC03-3.3 데이터시트(PDF) 7 Page - Semtech Corporation

부품명 LC03-3.3
상세설명  Low Capacitance 3.3 Volt TVS for High Speed Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH [Semtech Corporation]
홈페이지  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

LC03-3.3 데이터시트(HTML) 7 Page - Semtech Corporation

  LC03-3.3 Datasheet HTML 1Page - Semtech Corporation LC03-3.3 Datasheet HTML 2Page - Semtech Corporation LC03-3.3 Datasheet HTML 3Page - Semtech Corporation LC03-3.3 Datasheet HTML 4Page - Semtech Corporation LC03-3.3 Datasheet HTML 5Page - Semtech Corporation LC03-3.3 Datasheet HTML 6Page - Semtech Corporation LC03-3.3 Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
 2008 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
LC03-3.3
Contact Information
Semtech Corporation
Protection Products Division
200 Flynn Road, Camarillo, CA 93012
Phone: (805)498-2111 FAX (805)498-3804
r
e
b
m
u
N
t
r
a
Ph
s
i
n
i
F
d
a
e
L
r
e
p
y
t
Q
l
e
e
R
e
z
i
S
l
e
e
R
B
T
.
3
.
3
-
3
0
C
Lb
P
n
S0
0
5h
c
n
I
7
T
B
T
.
3
.
3
-
3
0
C
Le
e
r
F
b
P0
0
5h
c
n
I
7
Ordering Information
SC YYWW
LC03-3.3
Marking Diagram
Note:
YYWW = Date Code


유사한 부품 번호 - LC03-3.3

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
LC03-3.3 SEMTECH-LC03-3.3 Datasheet
197Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
logo
Littelfuse
LC03-3.3 LITTELFUSE-LC03-3.3 Datasheet
1Mb / 4P
   LC03-3.3 Series 3.3V 150A Diode Array
logo
Shanghai Leiditech Elec...
LC03-3.3 LEIDITECH-LC03-3.3 Datasheet
196Kb / 3P
   Low Capacitance 3.3V TVS
logo
Applied Power Microelec...
LC03-3.3 APMICRO-LC03-3.3 Datasheet
812Kb / 5P
   Low Capacitance 3.3V TVS
logo
TECH PUBLIC Electronics...
LC03-3.3 TECHPUBLIC-LC03-3.3 Datasheet
2Mb / 5P
   Low Capacitance 3.3 TVS
More results

유사한 설명 - LC03-3.3

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
LC03-3.3 SEMTECH-LC03-3.3 Datasheet
197Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
RCLAMP0534N SEMTECH-RCLAMP0534N Datasheet
142Kb / 7P
   Low Capacitance TVS for High-Speed Interfaces
LC03-6 SEMTECH-LC03-6_08 Datasheet
285Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
LC03-6 SEMTECH-LC03-6_13 Datasheet
288Kb / 11P
   Low Capacitance TVS for High-Speed Data Interfaces
logo
TECH PUBLIC Electronics...
LC03-6 TECHPUBLIC-LC03-6 Datasheet
2Mb / 5P
   Low Capacitance TVS for High-Speed Date interfaces
logo
Shanghai Leiditech Elec...
LC24DT3 LEIDITECH-LC24DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
Semtech Corporation
SL05 SEMTECH-SL05_04 Datasheet
158Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
SL05 SEMTECH-SL05 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Shanghai Leiditech Elec...
LC12DT3 LEIDITECH-LC12DT3 Datasheet
132Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
logo
StarHope
TLSD03GU SPSEMI-TLSD03GU Datasheet
760Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR HIGH SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com