전자부품 데이터시트 검색엔진 |
|
LM301AN 데이터시트(PDF) 2 Page - Motorola, Inc |
|
LM301AN 데이터시트(HTML) 2 Page - Motorola, Inc |
2 / 6 page LM301A LM201A 2 MOTOROLA ANALOG IC DEVICE DATA MAXIMUM RATINGS Value Rating Symbol LM201A LM301A Unit Power Supply Voltage VCC, VEE ±22 ±18 Vdc Input Differential Voltage VID ±30 V Input Common Mode Range (Note 1) VICR ±15 V Output Short Circuit Duration tSC Continuous Power Dissipation (Package Limitation) PD Plastic Dual–In–Line Package (LM201A/ 625 625 mW Derate above TA = +25°C 301A) 5.0 5.0 mW/ °C Operating Ambient Temperature Range TA –25 to +85 0 to +70 °C Storage Temperature Range Tstg – 65 to +150 °C NOTE: 1. For supply voltages less than ±15 V, the absolute maximum input voltage is equal to the supply voltage. ELECTRICAL CHARACTERISTICS (TA = +25°C, unless otherwise noted.) Unless otherwise specified, these specifications apply for supply voltages from ±5.0 V to ±20 V for the LM201A, and from ±5.0 V to ±15 V for the LM301A. Ch i i Sb l LM201A LM301A Ui Characteristic Symbol Min Typ Max Min Typ Max Unit Input Offset Voltage (RS ≤ 50 kΩ) VIO – 0.7 2.0 – 2.0 7.5 mV Input Offset Current IIO – 1.5 10 – 3.0 50 nA Input Bias Current IIB – 30 75 – 70 250 nA Input Resistance ri 1.5 4.0 – 0.5 2.0 – M Ω Supply Current ICC,IEE mA VCC/VEE = ± 20 V – 1.8 3.0 – – – VCC/VEE = ±15 V – – – – 1.8 3.0 Large Signal Voltage Gain AV 50 160 – 25 160 – V/mV (VCC/VEE = ±15 V, VO = ±10 V, RL > 2.0 kΩ) The following specifications apply over the operating temperature range. Input Offset Voltage (RS ≤ 50 kΩ) VIO – – 3.0 – – 10 mV Input Offset Current IIO – – 20 – – 70 nA Avg Temperature Coefficient of Input Offset Voltage ∆VIO/∆T – 3.0 15 – 6.0 30 µV/°C TA(min) ≤ TA ≤ TA (max) Avg Temperature Coefficient of Input Offset Current ∆IIO/∆T nA/ °C +25 °C ≤ TA ≤ TA (max) – 0.01 0.1 – 0.01 0.3 TA(min) ≤ TA ≤ 25°C – 0.02 0.2 – 0.02 0.6 Input Bias Current IIB – – 100 – – 300 nA Large Signal Voltage Gain AVOL 25 – – 15 – – V/mV (VCC/VEE = ±15 V, VO = ±10V, RL > 2.0 kΩ) Input Voltage Range VICR V VCC/VEE = ± 20 V –15 – +15 – – – VCC/VEE = ±15 V – – – –12 – +12 Common Mode Rejection (RS ≤ 50 kΩ) CMR 80 96 – 70 90 – dB Supply Voltage Rejection (RS ≤ 50 kΩ) PSR 80 96 – 70 96 – dB Output Voltage Swing VO ±12 ±14 – ±12 ±14 – V (VCC/VEE = ±15 V, RL = ±10 kΩ, RL > 2.0 kΩ) ±10 ±13 – ±10 ±13 – Supply Currents (TA = TA(max), VCC/VEE = ± 20 V) ICC,IEE – 1.2 2.5 – – – mA |
유사한 부품 번호 - LM301AN |
|
유사한 설명 - LM301AN |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |