전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ALVC162834A_0006 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74ALVC162834A_0006
상세설명  18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALVC162834A_0006 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74ALVC162834A_0006 Datasheet HTML 4Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 5Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 6Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 7Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 8Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 9Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 10Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 11Page - NXP Semiconductors 74ALVC162834A_0006 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74ALVC162834A
18-bit registered driver with inverted register enable
and 30
Ω termination resistors (3-State)
2000 Jun 20
8
AC WAVEFORMS FOR VCC = 3.0 V TO 3.6 V AND
VCC = 2.7 V
VM = 1.5 V
VX = VOL + 0.3 V
VY = VOH – 0.3 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VI = 2.7 V
AC WAVEFORMS FOR VCC = 2.3 V TO 2.7 V AND
VCC < 2.3 V RANGE
VM = 0.5 VCC
VX = VOL + 0.15 V
VY = VOH – 0.15 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VI = VCC
An
INPUT
tPHL
tPLH
VOL
VI
GND
VOH
Yn
OUTPUT
SH00132
VM
VM
NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7 V
Waveform 1. Input (An) to output (Yn) propagation delay
LE INPUT
Yn OUTPUT
VI
GND
VOH
VOL
tPHL
tPLH
tW
VM
VM
VM
SH00165
NOTE: VM = 0.5 VCC at VCC = 2.3 to 2.7 V
Waveform 2. Latch enable input (LE) pulse width,
the latch enable input to output (Yn) propagation delays.
An
INPUT
LE
INPUT
tSU
th
NOTE: The shaded areas indicate when the input is permitted to change
for predictable output performance.
tSU
th
VI
GND
VI
GND
VM
VM
SH00166
VM = 0.5VCC at VCC = 2.3 to 2.7 V
Waveform 3. Data set-up and hold times
for the An input to the LE input
CP INPUT
Yn OUTPUT
VI
GND
VOH
VOL
tPHL
tPLH
tW
1/fMAX
SH00135
VM
VM
VM
NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7 V
Waveform 4. The clock (CP) to Yn propagation delays,
the clock pulse width and the maximum clock frequency.
VI
GND
An INPUT
VI
GND
VOH
Yn OUTPUT
VOL
CP INPUT
tsu
th
tsu
th
NOTE: The shaded areas indicate when the input is permitted to change
for predictable output performance.
SH00136
VM
VM
VM = 0.5VCC at VCC = 2.3 to 2.7 V
Waveform 5. Data set-up and hold times for the An input to the
clock CP input
tPLZ
tPZL
VI
nOE INPUT
GND
VCC
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
GND
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SH00137
NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7 V
Waveform 6. 3-State enable and disable times


유사한 부품 번호 - 74ALVC162834A_0006

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC162834ADGG PHILIPS-74ALVC162834ADGG Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
logo
Nexperia B.V. All right...
74ALVC162834ADGG NEXPERIA-74ALVC162834ADGG Datasheet
202Kb / 15P
   18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
More results

유사한 설명 - 74ALVC162834A_0006

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC162834A PHILIPS-74ALVC162834A Datasheet
122Kb / 12P
   18-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162836A_0006 PHILIPS-74ALVC162836A_0006 Datasheet
100Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Jun 20
74ALVC162334A PHILIPS-74ALVC162334A Datasheet
115Kb / 10P
   16-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74ALVC162836A PHILIPS-74ALVC162836A Datasheet
121Kb / 12P
   20-bit registered driver with inverted register enable and 30ohm termination resistors 3-State
2000 Mar 14
74AVCM162834 PHILIPS-74AVCM162834 Datasheet
98Kb / 10P
   18-bit registered driver with inverted register enable and 15 ohm termination resistors 3-State
2001 Apr 20
logo
Nexperia B.V. All right...
74ALVC162834A NEXPERIA-74ALVC162834A Datasheet
202Kb / 15P
   18-bit registered driver with inverted register enable and 30 Ω termination resistors; 3-state
Rev. 3 - 13 June 2017
logo
NXP Semiconductors
74AVCM162834_2 PHILIPS-74AVCM162834_2_15 Datasheet
104Kb / 10P
   18-bit registered driver with inverted register enable and15 W termination resistors (3-State)
2001 Apr 20
74ALVC162835A PHILIPS-74ALVC162835A Datasheet
94Kb / 12P
   18-bit registered driver with 30ohm termination resistors (3-State)
2000 Jun 20
74AVC16834 PHILIPS-74AVC16834 Datasheet
90Kb / 10P
   18-bit registered driver with inverted register enable 3-State
1999 Jul 23
logo
Nexperia B.V. All right...
74ALVC16834A NEXPERIA-74ALVC16834A Datasheet
200Kb / 15P
   18-bit registered driver with inverted register enable; 3-state
Rev. 2 - 21 November 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com