전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B41231B8568M000 데이터시트(PDF) 18 Page - EPCOS

부품명 B41231B8568M000
상세설명  Aluminum electrolytic capacitors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

B41231B8568M000 데이터시트(HTML) 18 Page - EPCOS

Back Button B41231B8568M000 Datasheet HTML 14Page - EPCOS B41231B8568M000 Datasheet HTML 15Page - EPCOS B41231B8568M000 Datasheet HTML 16Page - EPCOS B41231B8568M000 Datasheet HTML 17Page - EPCOS B41231B8568M000 Datasheet HTML 18Page - EPCOS B41231B8568M000 Datasheet HTML 19Page - EPCOS B41231B8568M000 Datasheet HTML 20Page - EPCOS B41231B8568M000 Datasheet HTML 21Page - EPCOS B41231B8568M000 Datasheet HTML 22Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Snap-in capacitors
B41231, B43231
Standard series – 85
°C
18 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
315
330
25.4
× 40
1.73
B43231B0337M000
330
30
× 35
1.78
B43231C0337M000
330
35
× 30
1.83
B43231D0337M000
390
25.4
× 45
1.97
B43231A0397M000
390
30
× 35
1.94
B43231B0397M000
390
35
× 30
1.99
B43231C0397M000
470
30
× 40
2.23
B43231A0477M000
470
35
× 35
2.29
B43231B0477M000
560
35
× 40
2.62
B43231A0567M000
680
35
× 45
3.01
B43231A0687M000
820
35
× 50
3.44
B43231A0827M000
350
82
22
× 20
0.62
B43231A4826M000
100
22
× 25
0.73
B43231A4107M000
100
25.4
× 20
0.75
B43231B4107M000
120
22
× 30
0.86
B43231A4127M000
120
25.4
× 25
0.88
B43231B4127M000
120
30
× 20
0.90
B43231C4127M000
150
22
× 35
1.01
B43231A4157M000
150
25.4
× 30
1.05
B43231B4157M000
150
30
× 20
1.01
B43231C4157M000
180
22
× 40
1.17
B43231A4187M000
180
25.4
× 35
1.21
B43231B4187M000
180
30
× 25
1.18
B43231C4187M000
180
35
× 20
1.20
B43231D4187M000
220
22
× 45
1.35
B43231A4227M000
220
25.4
× 35
1.34
B43231B4227M000
220
30
× 30
1.38
B43231C4227M000
220
35
× 25
1.41
B43231D4227M000
270
25.4
× 45
1.64
B43231A4277M000
270
30
× 35
1.61
B43231B4277M000
270
35
× 25
1.65
B43231C4277M000
330
25.4
× 50
1.89
B43231A4337M000
330
30
× 40
1.87
B43231B4337M000
330
35
× 30
1.83
B43231C4337M000
390
30
× 45
2.12
B43231A4397M000
390
35
× 35
2.09
B43231B4397M000
470
30
× 50
2.43
B43231A4477M000
470
35
× 40
2.40
B43231B4477M000
560
35
× 45
2.73
B43231A4567M000
680
35
× 50
3.13
B43231A4687M000
Technical data and ordering codes B43231
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
85
°C
A
Ordering code
AEC-C_B41231_B43231.book Seite 18 Mittwoch, 16. April 2008 2:27 14


유사한 부품 번호 - B41231B8568M000

제조업체부품명데이터시트상세설명
logo
EPCOS
B41231B8568M000 EPCOS-B41231B8568M000 Datasheet
327Kb / 20P
   Aluminum electrolytic capacitors
B41231B8568M000 EPCOS-B41231B8568M000 Datasheet
327Kb / 20P
   Aluminum electrolytic capacitors
More results

유사한 설명 - B41231B8568M000

제조업체부품명데이터시트상세설명
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com