전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVC8T245 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74AVC8T245
상세설명  8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVC8T245 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74AVC8T245 Datasheet HTML 3Page - NXP Semiconductors 74AVC8T245 Datasheet HTML 4Page - NXP Semiconductors 74AVC8T245 Datasheet HTML 5Page - NXP Semiconductors 74AVC8T245 Datasheet HTML 6Page - NXP Semiconductors 74AVC8T245 Datasheet HTML 7Page - NXP Semiconductors 74AVC8T245 Datasheet HTML 8Page - NXP Semiconductors 74AVC8T245 Datasheet HTML 9Page - NXP Semiconductors 74AVC8T245 Datasheet HTML 10Page - NXP Semiconductors 74AVC8T245 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
74AVC8T245_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 April 2009
7 of 23
NXP Semiconductors
74AVC8T245
8-bit dual supply translating transceiver; 3-state
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = −100 µA;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
VCCO − 0.1
-
VCCO − 0.1
-
V
IO = −3 mA;
VCC(A) =VCC(B) = 1.1 V
0.85
-
0.85
-
V
IO = −6 mA;
VCC(A) =VCC(B) = 1.4 V
1.05
-
1.05
-
V
IO = −8 mA;
VCC(A) =VCC(B) = 1.65 V
1.2
-
1.2
-
V
IO = −9 mA;
VCC(A) =VCC(B) = 2.3 V
1.75
-
1.75
-
V
IO = −12 mA;
VCC(A) =VCC(B) = 3.0 V
2.3
-
2.3
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 100 µA;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
0.1
-
0.1
V
IO = 3 mA;
VCC(A) =VCC(B) = 1.1 V
-
0.25
-
0.25
V
IO = 6 mA;
VCC(A) =VCC(B) = 1.4 V
-
0.35
-
0.35
V
IO = 8 mA;
VCC(A) =VCC(B) = 1.65 V
-
0.45
-
0.45
V
IO = 9 mA;
VCC(A) =VCC(B) = 2.3 V
-
0.55
-
0.55
V
IO = 12 mA;
VCC(A) =VCC(B) = 3.0 V
-
0.7
-
0.7
V
II
input leakage
current
DIR, OE input; VI = 0 V or 3.6 V;
VCC(A) =VCC(B) = 0.8 V to 3.6 V
-
±1-
±5
µA
IOZ
OFF-state
output current
A or B port; VO = 0 V or VCCO;
VCC(A) =VCC(B) = 3.6 V
[3]
-
±5-
±30
µA
suspend mode A port;
VO =0V or VCCO; VCC(A) = 3.6 V;
VCC(B) =0V
[3]
-
±5-
±30
µA
suspend mode B port;
VO =0V or VCCO; VCC(A) =0 V;
VCC(B) = 3.6 V
[3]
-
±5-
±30
µA
IOFF
power-off
leakage
current
A port; VI or VO = 0 V to 3.6 V;
VCC(A) =0V; VCC(B) = 0.8 V to 3.6 V
-
±5-
±30
µA
B port; VI or VO = 0 V to 3.6 V;
VCC(B) =0V; VCC(A) = 0.8 V to 3.6 V
-
±5-
±30
µA
Table 7.
Static characteristics …continued[1][2]
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max


유사한 부품 번호 - 74AVC8T245

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AVC8T245 NEXPERIA-74AVC8T245 Datasheet
337Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC8T245-Q100 NEXPERIA-74AVC8T245-Q100 Datasheet
763Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC8T245BQ NEXPERIA-74AVC8T245BQ Datasheet
337Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC8T245BQ-Q100 NEXPERIA-74AVC8T245BQ-Q100 Datasheet
763Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC8T245BZ NEXPERIA-74AVC8T245BZ Datasheet
337Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
More results

유사한 설명 - 74AVC8T245

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
logo
Nexperia B.V. All right...
74AVCH8T245 NEXPERIA-74AVCH8T245 Datasheet
786Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 27 December 2012
logo
NXP Semiconductors
74AVCH8T245 NXP-74AVCH8T245 Datasheet
140Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
74AVC8T245 PHILIPS-74AVC8T245_15 Datasheet
161Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
logo
Nexperia B.V. All right...
74AVC8T245 NEXPERIA-74AVC8T245 Datasheet
337Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC8T245-Q100 NEXPERIA-74AVC8T245-Q100 Datasheet
763Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com