전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVCH8T245BQ 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74AVCH8T245BQ
상세설명  8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AVCH8T245BQ 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74AVCH8T245BQ Datasheet HTML 6Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 7Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 8Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 9Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 10Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 11Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 12Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 13Page - NXP Semiconductors 74AVCH8T245BQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
74AVCH8T245_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 28 April 2009
10 of 24
NXP Semiconductors
74AVCH8T245
8-bit dual supply translating transceiver; 3-state
10. Dynamic characteristics
[1]
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
[1]
tpd is the same as tPLH and tPHL; tdis is the same as tPLZ and tPHZ; ten is the same as tPZL and tPZH.
Table 9.
Typical dynamic characteristics at VCC(A) = 0.8 V and Tamb = 25 °C [1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7; for wave forms see Figure 5 and Figure 6
Symbol Parameter
Conditions
VCC(B)
Unit
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
tpd
propagation delay
An to Bn
14.4
7.0
6.2
6.0
5.9
6.0
ns
Bn to An
14.4
12.4
12.1
11.9
11.8
11.8
ns
tdis
disable time
OE to An
16.2
16.2
16.2
16.2
16.2
16.2
ns
OE to Bn
17.6
10.0
9.0
9.1
8.7
9.3
ns
ten
enable time
OE to An
21.9
21.9
21.9
21.9
21.9
21.9
ns
OE to Bn
22.2
11.1
9.8
9.4
9.4
9.6
ns
Table 10.
Typical dynamic characteristics at VCC(B) = 0.8 V and Tamb = 25 °C [1]
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7; for wave forms see Figure 5 and Figure 6
Symbol Parameter
Conditions
VCC(A)
Unit
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
tpd
propagation delay
An to Bn
14.4
12.4
12.1
11.9
11.8
11.8
ns
Bn to An
14.4
7.0
6.2
6.0
5.9
6.0
ns
tdis
disable time
OE to An
16.2
5.9
4.4
4.2
3.1
3.5
ns
OE to Bn
17.6
14.2
13.7
13.6
13.3
13.1
ns
ten
enable time
OE to An
21.9
6.4
4.4
3.5
2.6
2.3
ns
OE to Bn
22.2
17.7
17.2
17.0
16.8
16.7
ns


유사한 부품 번호 - 74AVCH8T245BQ

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
74AVCH8T245BQ NEXPERIA-74AVCH8T245BQ Datasheet
786Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 27 December 2012
More results

유사한 설명 - 74AVCH8T245BQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
logo
Nexperia B.V. All right...
74AVCH8T245 NEXPERIA-74AVCH8T245 Datasheet
786Kb / 25P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5 - 27 December 2012
logo
NXP Semiconductors
74AVC8T245 PHILIPS-74AVC8T245_15 Datasheet
161Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
logo
Nexperia B.V. All right...
74AVC8T245 NEXPERIA-74AVC8T245 Datasheet
337Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 7 - 29 April 2021
74AVC8T245-Q100 NEXPERIA-74AVC8T245-Q100 Datasheet
763Kb / 24P
   8-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
   4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
logo
Nexperia B.V. All right...
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
   16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
   32-bit dual supply translating transceiver with configurable voltage translation 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com