전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4541BME4 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 CD4541BME4
상세설명  CMOS Programmable Timer High Voltage Types (20V Rating)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD4541BME4 데이터시트(HTML) 4 Page - Texas Instruments

  CD4541BME4 Datasheet HTML 1Page - Texas Instruments CD4541BME4 Datasheet HTML 2Page - Texas Instruments CD4541BME4 Datasheet HTML 3Page - Texas Instruments CD4541BME4 Datasheet HTML 4Page - Texas Instruments CD4541BME4 Datasheet HTML 5Page - Texas Instruments CD4541BME4 Datasheet HTML 6Page - Texas Instruments CD4541BME4 Datasheet HTML 7Page - Texas Instruments CD4541BME4 Datasheet HTML 8Page - Texas Instruments CD4541BME4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Input High Voltage,
VIH (Min)
0.5, 4.5
-
5
-
3.5
3.5
-
-
V
1, 9
-
10
-
7
7
-
-
V
1.5, 13.5
-
15
-
11
11
-
-
V
Input Current, lIN (Max)
-
0, 18
18
±0.1
±0.1
±1
±1-
±10-5
±0.1
μA
NOTE:
2. With AUTO RESET enabled, additional current drain at 25oC is:
7
μA (Typ), 200μA (Max) at 5V;
30
μA (Typ), 350μA (Max) at 10V;
80
μA (Typ), 500μA (Max) at 15V
Dynamic Electrical Specifications TA = 25oC, Input tr, tf = 20ns, CL = 50pF, RL = 200kΩ
PARAMETER
SYMBOL
VDD (V)
MIN
TYP
MAX
UNITS
Propagation Delay Times
Clock to Q
(28) tPHL, tPLH
5
-
3.5
10.5
μs
10
-
1.25
3.8
μs
15
-
0.9
2.9
μs
(216) tPHL, tPLH
5-
6.0
18
μs
10
-
3.5
10
μs
15
-
2.5
7.5
μs
Transition Time
tTHL
5
-
100
200
ns
10
-
50
100
ns
15
-
40
80
ns
tTHL
5
-
180
360
ns
10
-
90
180
ns
15
-
65
130
ns
MASTER RESET, CLOCK
Pulse Width
5
900
300
-
ns
10
300
100
-
ns
15
225
85
-
ns
Maximum Clock Pulse Input
Frequency
fCL
5
-
1.5
-
MHz
10
-
4
-
MHz
15
-
6
-
MHz
Maximum Clock Pulse Input
Rise or Fall time
tr,tf
5, 10, 15
Unlimited
μs
Electrical Specifications (Continued)
PARAMETER
CONDITIONS
LIMITS AT INDICATED TEMPERATURES (oC)
UNITS
VO
(V)
VIN
(V)
VDD
(V)
-55
-40
85
125
25
MIN
TYP
MAX
CD4541B


유사한 부품 번호 - CD4541BME4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4541BME4 TI-CD4541BME4 Datasheet
574Kb / 15P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types(20V Rating)
CD4541BME4 TI1-CD4541BME4 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
More results

유사한 설명 - CD4541BME4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD4541B TI-CD4541B Datasheet
93Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
logo
Harris Corporation
CD4541B HARRIS-CD4541B Datasheet
78Kb / 8P
   CMOS Programmable Timer High Voltage Types (20V Rating)
logo
Texas Instruments
CD4541B TI-CD4541B_10 Datasheet
574Kb / 15P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types(20V Rating)
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
   CMOS Programmable Timer
logo
Texas Instruments
CD4536B TI1-CD4536B_15 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Programmable Timer
CD4536BE TI-CD4536BE Datasheet
1Mb / 21P
[Old version datasheet]   CMOS Programmable Timer
CD4536B TI-CD4536B Datasheet
415Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER
logo
Intersil Corporation
CD4536BMS INTERSIL-CD4536BMS Datasheet
147Kb / 13P
   CMOS Programmable Timer
December 1992
logo
UMC Corporation
UM82C54 UMC-UM82C54 Datasheet
1Mb / 16P
   CMOS PROGRAMMABLE INTERVAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com