전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK2504 데이터시트(PDF) 4 Page - Rohm

부품명 2SK2504
상세설명  Small switching (100V, 5A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SK2504 데이터시트(HTML) 4 Page - Rohm

  2SK2504 Datasheet HTML 1Page - Rohm 2SK2504 Datasheet HTML 2Page - Rohm 2SK2504 Datasheet HTML 3Page - Rohm 2SK2504 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
129
Transistors
2SK2504
FSwitching characteristics
Fmeasurement circuit


유사한 부품 번호 - 2SK2504

제조업체부품명데이터시트상세설명
logo
Rohm
2SK2504 ROHM-2SK2504 Datasheet
99Kb / 6P
   4V Drive Nch MOS FET
logo
Guangdong Kexin Industr...
2SK2504 KEXIN-2SK2504 Datasheet
43Kb / 1P
   Silicon N-Channel MOSFET
logo
Rohm
2SK2504 ROHM-2SK2504 Datasheet
95Kb / 6P
   4V Drive Nch MOS FET
logo
Inchange Semiconductor ...
2SK2504 ISC-2SK2504 Datasheet
377Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Rohm
2SK2504TL ROHM-2SK2504TL Datasheet
95Kb / 6P
   4V Drive Nch MOS FET
More results

유사한 설명 - 2SK2504

제조업체부품명데이터시트상세설명
logo
Rohm
2SK2503 ROHM-2SK2503 Datasheet
135Kb / 4P
   Small switching (60V, 5A)
logo
WILLAS ELECTRONIC CORP
1N4148M WILLAS-1N4148M Datasheet
313Kb / 2P
   150mA SMALL SIGNAL SWITCHING DIODE - 100V
logo
PFC Device Inc.
SR5100H PFC-SR5100H Datasheet
559Kb / 5P
   5A 100V Schottky Rectifier
PTS5V100 PFC-PTS5V100 Datasheet
565Kb / 5P
   5A 100V HPTR Schottky Rectifier
PT5L100SP PFC-PT5L100SP Datasheet
723Kb / 5P
   5A 100V HPTR Schottky Rectifier
logo
Shindengen Electric Mfg...
D5FY10ST SHINDENGEN-D5FY10ST Datasheet
1Mb / 8P
   Schottky Barrier Diodes 100V, 5A
logo
SeCoS Halbleitertechnol...
BAS316WS SECOS-BAS316WS Datasheet
260Kb / 3P
   0.25A , 100V Surface Mount Small Signal Switching Diode
logo
PFC Device Inc.
PT5V100SP PFC-PT5V100SP Datasheet
727Kb / 5P
   5A 100V HPTR Schottky Rectifier
logo
Rohm
RD3P050SNFRA ROHM-RD3P050SNFRA Datasheet
2Mb / 15P
   Nch 100V 5A Power MOSFET
RD3P050SN ROHM-RD3P050SN Datasheet
2Mb / 16P
   Nch 100V 5A Power MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com