전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA00CC0WFP 데이터시트(PDF) 1 Page - Rohm

부품명 BA00CC0WFP
상세설명  35V MAX Variable Output LDO Regulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA00CC0WFP 데이터시트(HTML) 1 Page - Rohm

  BA00CC0WFP Datasheet HTML 1Page - Rohm BA00CC0WFP Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BA00CC0WFP/WT(-V5)
35V MAX Variable Output LDO Regulator
BA00CC0WFP/WT(-V5) is a variable output LDO
regulator IC with the output current of 1A and C pin
voltage accuracy of
±2%. Output voltage can be
set (3V to 15V) by external resistor. Over-current
protection circuit, over-voltage protection circuit and
thermal protection circuit are incorporated in this IC.
BA00CC0WFP/WT(-V5) incorporates shutdown
switch to control output ON/OFF. This IC is perfect
for applications with high-voltage requirements and
power supply applications.
BA00CC0WFP
BA00CC0WT
Description
Dimension (Unit : mm)
1) Maximum output current : 1A
2) Output voltage setting (3V to 15V) by external resistor
3) Low drop-out voltage type with PNP output
4) 35V high-voltage process
5) Built-in over-voltage protection circuit,
over-current protection circuit,
thermal protection circuit
6) Built-in shutdown circuit which circuit current is 0uA.
7) Two types of package
(Small mounting type and insertion type)
8) C pin output voltage accuracy :
±2%
Features
Consumer products
Applications
BA00CC0WT(-V5)
TO252-5
TO220FP-5
TO220FP-5(V5)
6.5
±0.2
1
2
3
5
4
0.5
1.27
0.5
±0.1
2.3
±0.2
0.5
±0.1
5.1
+0.2
−0.1
2-C0.5
1.0
±0.2
7.0
10.0
2.8
4.5
1.778
0.5
± 0.1
1.2
0.8
3.2
± 0.1
φ
+ 0.3
– 0.1
– 0.1
+ 0.2
+ 0.3
– 0.1
+ 0.3
– 0.1
2 3 4 5
1
2.85
7.0
10.0
1.778
1 2 3 4 5
1.2
0.8
3.2
± 0.1
φ
+ 0.3
– 0.1
+ 0.3
– 0.1
2.8
4.5
0.5
± 0.1
– 0.1
+ 0.2
+ 0.3
– 0.1
(2.85)
4.25
8.15


유사한 부품 번호 - BA00CC0WFP

제조업체부품명데이터시트상세설명
logo
Rohm
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
357Kb / 6P
   1A Low Dropout Voltage Regulator with Shut Down Switch (Adjustable Voltage)
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA00CC0WFP ROHM-BA00CC0WFP Datasheet
320Kb / 10P
   Standard Variable Output LDO Regulators with Shutdown Switch
BA00CC0WFP-E2 ROHM-BA00CC0WFP-E2 Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00CC0WFP-E2 ROHM-BA00CC0WFP-E2 Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
More results

유사한 설명 - BA00CC0WFP

제조업체부품명데이터시트상세설명
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00FA1WEFJ ROHM-BD00FA1WEFJ Datasheet
796Kb / 19P
   100mA Variable Output LDO Regulator
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
   2A Standard Variable Output LDO Regulator
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD00HA3MEFJ-ME2 ROHM-BD00HA3MEFJ-ME2 Datasheet
609Kb / 24P
   Automotive 0.3A Variable Output LDO Regulator
BD00HA5MEFJ-M ROHM-BD00HA5MEFJ-M Datasheet
710Kb / 24P
   Automotive 0.5A Variable Output LDO Regulator
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com