전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA1604F 데이터시트(PDF) 1 Page - Rohm

부품명 BA1604F
상세설명  PLL tone decoder IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA1604F 데이터시트(HTML) 1 Page - Rohm

  BA1604F Datasheet HTML 1Page - Rohm BA1604F Datasheet HTML 2Page - Rohm BA1604F Datasheet HTML 3Page - Rohm BA1604F Datasheet HTML 4Page - Rohm BA1604F Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
212
Communication ICs
PLL tone decoder IC
BA1604 / BA1604F
The BA1604 and BA1604F are tone decoder ICs that enable the frequency to be selected in precise detail, using a PLL
system. These ICs are configured of a PLL circuit, a detection circuit, a voltage comparator circuit and an output logic
drive circuit.
When the input signal is within the transmission range of the circuit, PLL is synchronized (locked) to the input signal.
At this point, the output voltage of the decoder drops, and the change turns on the transistors for the voltage comparator
and output logic drive circuits. A load of up to 100mA can be driven.The center frequency (f0) of the decoder is set by
the mobile oscillation frequency of the current control oscillator. This frequency is determined by selecting a CR con-
nected to Pins 5 and 6.
FApplications
Telephones
Data communication systems
Remote control systems
FFeatures
1) The detection bandwidth can be varied independent-
ly between 0 and 14%.
2) The output circuit can withstand a load current of up
to 100mA, and is directly coupled to the logic circuit.
3) The center frequency offers a high level of stability.
4) High out-of-band signal and noise rejection capabili-
ty.
5) Frequency can be changed over a range of 20 : 1 us-
ing an external resistor.
6) Compatible with EXAR XR-567 and Signetics
NE567.
FBlock diagram


유사한 부품 번호 - BA1604F

제조업체부품명데이터시트상세설명
logo
Rohm
BA1602L ROHM-BA1602L Datasheet
242Kb / 3P
   MonolithicICs
More results

유사한 설명 - BA1604F

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
   Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
   TONE DECODER
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
   TONE DECODER
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
   Tone Decoder
logo
Texas Instruments
LM567CMX TI1-LM567CMX Datasheet
1Mb / 18P
[Old version datasheet]   Tone Decoder
logo
Exar Corporation
XR-L567 EXAR-XR-L567 Datasheet
147Kb / 2P
   Micropower Tone Decoder
logo
National Semiconductor ...
LMC567 NSC-LMC567 Datasheet
168Kb / 7P
   Low Power Tone Decoder
logo
Exar Corporation
XR-2211A EXAR-XR-2211A Datasheet
246Kb / 24P
   FSK Demodulator/ Tone Decoder
logo
Texas Instruments
LMC567 TI1-LMC567_15 Datasheet
404Kb / 14P
[Old version datasheet]   Low-Power Tone Decoder
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com