전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA3430F 데이터시트(PDF) 1 Page - Rohm

부품명 BA3430F
상세설명  Stereo pre-amplifiers with mute detection circuits for car stereos
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA3430F 데이터시트(HTML) 1 Page - Rohm

  BA3430F Datasheet HTML 1Page - Rohm BA3430F Datasheet HTML 2Page - Rohm BA3430F Datasheet HTML 3Page - Rohm BA3430F Datasheet HTML 4Page - Rohm BA3430F Datasheet HTML 5Page - Rohm BA3430F Datasheet HTML 6Page - Rohm BA3430F Datasheet HTML 7Page - Rohm BA3430F Datasheet HTML 8Page - Rohm BA3430F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
269
Audio ICs
Stereo pre-amplifiers with mute
detection circuits for car stereos
BA3430S / BA3430F / BA3430FS
The BA3430S, BA3430F, and BA3430FS are stereo pre-amplifiers with mute detection circuits which have been de-
signed for use in car stereos. The analog circuitry including the pre-amplifier and mute detection and the digital circuitry
such as control logic circuits have been combined together on a single chip. This has made it possible to reduce the
interface with the microcontroller to five parallel inputs and outputs, and enables a very compact circuit configuration
around the tape head.
The BA3430S, BA3430F, or BA3430FS makes it possible to easily incorporate an ultra-compact, high-precision pre-am-
plifier board into the mechanical components of a car stereo.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


유사한 부품 번호 - BA3430F

제조업체부품명데이터시트상세설명
logo
Rohm
BA3430FS ROHM-BA3430FS Datasheet
331Kb / 6P
   Stereo pre-amplifire with mute detection circuits for car audio systems
More results

유사한 설명 - BA3430F

제조업체부품명데이터시트상세설명
logo
Rohm
BA3430FS ROHM-BA3430FS Datasheet
331Kb / 6P
   Stereo pre-amplifire with mute detection circuits for car audio systems
logo
Panasonic Semiconductor
AN7311 PANASONIC-AN7311 Datasheet
105Kb / 3P
   Dual Pre-Amplifier for Car Stereo
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
BA4900 ROHM-BA4900 Datasheet
169Kb / 10P
   System power supply for car stereos
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
logo
Toshiba Semiconductor
TA2042F TOSHIBA-TA2042F Datasheet
527Kb / 15P
   DUAL PRE AMPLIFIER WITH A MUSIC SEARCH FOR AUTO REVERSE CAR STEREO
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
   Stereo Headphone Driver with Mute
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
   Pre / power amplifier for 1.5V headphone stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com