전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

0002-08-1234 데이터시트(PDF) 3 Page - Molex Electronics Ltd.

부품명 0002-08-1234
상세설명  Disk Drive Power Connection System, Female Crimp Terminal, Reel, Phosphor Bronze, AWG 14-20
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX1 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0002-08-1234 데이터시트(HTML) 3 Page - Molex Electronics Ltd.

  0002-08-1234 Datasheet HTML 1Page - Molex Electronics Ltd. 0002-08-1234 Datasheet HTML 2Page - Molex Electronics Ltd. 0002-08-1234 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


유사한 부품 번호 - 0002-08-1234

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0002-08-1002 MOLEX1-0002-08-1002 Datasheet
211Kb / 3P
   MLX Crimp Terminal 42024, 14-20 AWG, Bag Tin (Sn)
0002-08-1002-C MOLEX1-0002-08-1002-C Datasheet
211Kb / 3P
   MLX Crimp Terminal 42024, 14-20 AWG, Bag Tin (Sn)
More results

유사한 설명 - 0002-08-1234

제조업체부품명데이터시트상세설명
logo
Molex Electronics Ltd.
0002081202 MOLEX1-0002081202 Datasheet
90Kb / 2P
   Disk Drive Power Connection System, Female Crimp Terminal, Bag, Phosphor Bronze, 14-20 AWG
0002081003 MOLEX1-0002081003_18 Datasheet
31Kb / 1P
   MLX Female Crimp Terminal 42024, 14-20 AWG, Reel, Phosphor Bronze, Tin (Sn) Plating
0002082005 MOLEX1-0002082005_18 Datasheet
30Kb / 1P
   MLX Male Crimp Terminal 42023, 14-20 AWG, Reel, Phosphor Bronze, Tin (Sn) Plating
0508028000 MOLEX7-0508028000 Datasheet
101Kb / 3P
   2.50mm (.098") Pitch Crimp Terminal, Female, Phosphor Bronze, Reel
0008580187 MOLEX1-0008580187 Datasheet
258Kb / 4P
   Trifurcon??Crimp Terminal 6438, 18-20 AWG, Reel, Phosphor Bronze Gold (Au)
0008520112 MOLEX1-0008520112 Datasheet
258Kb / 4P
   Trifurcon??Crimp Terminal 6838, 18-20 AWG, Reel, Phosphor Bronze Tin (Sn)
0039000021 MOLEX3-0039000021 Datasheet
118Kb / 3P
   SPOX Crimp Terminal 5194, 18-24 AWG, Phosphor Bronze, Reel
15-24-4048 MOLEX11-15-24-4048 Datasheet
40Kb / 1P
   5.08mm Pitch Disk Drive Power Connection System, Female Crimp Housing
0638929000 MOLEX-0638929000 Datasheet
21Kb / 1P
   Mini-Mac Applicator for Disk Drive Power Connector System, Female 14-20 AWG
08/26/2022
63892-9000 MOLEX11-63892-9000 Datasheet
42Kb / 1P
   Mini-Mac Applicator for Disk Drive Power Connector System, Female 14-20 AWG
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com